Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7014C Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH7014C
Description  Multi Chip LED
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7014C Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH7014C Datasheet HTML 1Page - OSRAM GmbH SFH7014C Datasheet HTML 2Page - OSRAM GmbH SFH7014C Datasheet HTML 3Page - OSRAM GmbH SFH7014C Datasheet HTML 4Page - OSRAM GmbH SFH7014C Datasheet HTML 5Page - OSRAM GmbH SFH7014C Datasheet HTML 6Page - OSRAM GmbH SFH7014C Datasheet HTML 7Page - OSRAM GmbH SFH7014C Datasheet HTML 8Page - OSRAM GmbH SFH7014C Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
SFH 7014C
DATASHEET
DATASHEET
5 | Version 1.0 | 2023-02-09
Characteristics
I
F = 20 mA; tp = 20 ms; TA = 25 °C
Parameter
Symbol
Values
Values
Values
Values
● green
● red
● infrared
(850 nm)
● infrared
(940 nm)
Peak wavelength
λ
peak
typ.
524.0 nm
662.0 nm
860.0 nm
950.0 nm
Centroid wavelength 3) λ
centroid
min.
typ.
max.
522.5 nm
530.0 nm
541.5 nm
652.5 nm
655.0 nm
657.5 nm
840.5 nm
850.0 nm
859.5 nm
930.5 nm
940.0 nm
949.5 nm
Spectral bandwidth at
50% I
rel,max (FWHM)
∆λ
typ.
32.0 nm
17.0 nm
30.0 nm
42.0 nm
Half angle
φ
typ.
60 °
60 °
60 °
60 °
Dimensions of active
chip area
L x W
typ.
0.5 x 0.5
mm x mm
0.3 x 0.3
mm x mm
0.3 x 0.3
mm x mm
0.3 x 0.3
mm x mm
Rise time (10% / 90%)
I
F = 20 mA; RL = 50 Ω
t
r
typ.
59 ns
17 ns
12 ns
16 ns
Fall time (10% / 90%)
I
F = 20 mA; RL = 50 Ω
t
f
typ.
59 ns
17 ns
12 ns
16 ns
Forward voltage 4)
V
F
min.
typ.
max.
1.60 V
2.50 V
2.90 V
1.75 V
1.90 V
2.70 V
1.20 V
1.40 V
1.60 V
1.10 V
1.30 V
1.50 V
Reverse current 5)
V
R = 5 V
I
R
max.
10 µA
10 µA
10 µA
10 µA
Radiant intensity 1)2)
I
F = 20 mA; tp = 20 ms
I
e
min.
typ.
max.
2.2 mW/sr
3.65 mW/sr
5.4 mW/sr
2.5 mW/sr
4.2 mW/sr
7 mW/sr
1.65 mW/sr
3 mW/sr
4.05 mW/sr
1.65 mW/sr
3 mW/sr
4.05 mW/sr
Total radiant flux 6)
I
F = 20 mA; tp = 20 ms
Φ
e
typ.
12.5 mW
15 mW
10 mW
10 mW
Temperature coeffi-
cient of voltage
TC
V
typ.
-3.6 mV / K
-1.7 mV / K
-0.7 mV / K
-0.8 mV / K
Temperature coeffi-
cient of brightness
TC
I
typ.
-0.35 % / K
-0.7 % / K
-0.5 % / K
-0.3 % / K
Temperature coeffi-
cient of wavelength
TC
λ
typ.
0.03 nm / K
0.18 nm / K
0.3 nm / K
0.3 nm / K
Thermal resistance
junction solder point
real 7)
R
thJS real
max.
140 K / W
190 K / W
220 K / W
200 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com