Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4650 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM4650
Description  Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4650 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM4650 Datasheet HTML 7Page - Analog Devices LTM4650 Datasheet HTML 8Page - Analog Devices LTM4650 Datasheet HTML 9Page - Analog Devices LTM4650 Datasheet HTML 10Page - Analog Devices LTM4650 Datasheet HTML 11Page - Analog Devices LTM4650 Datasheet HTML 12Page - Analog Devices LTM4650 Datasheet HTML 13Page - Analog Devices LTM4650 Datasheet HTML 14Page - Analog Devices LTM4650 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LTM4650-2
11
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
either VFB1 or VFB2. Adding a resistor RFB from the VFB
pin to GND programs the output voltage:
VOUT = 0.6V •
60.4k + RFB
RFB
Table 1. VFB Resistor vs Various Output Voltages
VOUT
0.6V
0.8V
0.9V
1.0V
1.2V
1.5V
1.8V
RFB
Open
182k
121k
90.9k
60.4k
40.2k
30.2k
For parallel operation of multiple channels, the same feed-
back setting resistor can be used for the parallel design.
This is done by connecting the VOUTS1 to the output, as
shown in Figure 4, thus tying one of the internal 60.4k
resistors to the output. All of the VFB pins tie together with
one programming resistor, as shown in Figure 4.
is (60.4k//RFB), which is 30.2k where RFB is equal to
60.4k for a 1.2V output. Four phases connected in
parallel equates to a worse-case feedback current of
4 • IFB = 80nA maximum. The voltage error is 80nA • 30.2k
= 2.4mV. If VOUTS2 is connected, as shown in Figure 4, to
VOUT, and another 60.4k resistor is connected from VFB2to
ground, then the voltage error is reduced to 1.2mV. If the
voltage error is acceptable, then no additional connections
are necessary. The onboard 60.4k resistor is 0.5% accu-
rate, and the VFB resistor can be chosen by the user to be
as accurate as needed. All COMP pins are tied together for
current sharing between the phases. The TRACK/SS pins
can be tied together, and a single soft-start capacitor can
be used to soft-start the regulator. The soft-start equation
must have the soft-start current parameter increased by
the number of paralleled channels. See the Output Voltage
Tracking section.
Input Capacitors
The LTM4650-2 module should be connected to a low
AC-impedance DC source. For the regulator input, two
22µF input ceramic capacitors are required for each
channel for RMS ripple current. A 47µF to 100µF surface
mount aluminum electrolytic bulk capacitor can be used
for more input bulk capacitance. This bulk input capacitor
is only needed if the input source impedance is com-
promised by long inductive leads, traces or not enough
source capacitance. If low-impedance power planes are
used, then this bulk capacitor is not needed.
For a buck converter, the switching duty cycle can be
estimated as:
D =
VOUT
VIN
Without considering the inductor current ripple, for each
output, the RMS current of the input capacitor can be
estimated as:
ICIN(RMS) =
IOUT(MAX)
η%
• D • 1− D
(
)
In the above equation, η% is the estimated efficiency of
the power module. The bulk capacitor can be a switcher-
rated electrolytic aluminum capacitor, Polymer capacitor.
Figure 4. 4-Phase Parallel Configurations
46502 F04
60.4k
TRACK1
TRACK2
VOUT1
VOUTS1
VFB1
VFB2
COMP1
4 PARALLELED OUTPUTS
FOR 1.2V, 100A
OPTIONAL CONNECTION
COMP2
VOUTS2
VOUT2
60.4k
60.4k
TRACK1
TRACK2
0.1µF
VOUT1
VOUTS1
VFB1
VFB2
COMP1
COMP2
VOUTS2
VOUT2
60.4k
LTM4650-2
LTM4650-2
CTH
RFB
60.4k
OPTIONAL
RFB
60.4k
USE TO LOWER
TOTAL EQUIVALENT
RESISTANCE TO LOWER
IFB VOLTAGE ERROR
RTH
In parallel operation, the VFB pins have an IFB current
of 20nA maximum for each channel. To reduce output
voltage error due to this current, an additional VOUTS
pin can be tied to VOUT, and an additional RFB resis-
tor can be used to lower the total Thevenin equivalent
resistance seen by this current. For example in Figure 4,
the total Thevenin equivalent resistance of the VFB pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com