Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4650 Datasheet(PDF) 20 Page - Analog Devices

Part # LTM4650
Description  Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4650 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTM4650 Datasheet HTML 16Page - Analog Devices LTM4650 Datasheet HTML 17Page - Analog Devices LTM4650 Datasheet HTML 18Page - Analog Devices LTM4650 Datasheet HTML 19Page - Analog Devices LTM4650 Datasheet HTML 20Page - Analog Devices LTM4650 Datasheet HTML 21Page - Analog Devices LTM4650 Datasheet HTML 22Page - Analog Devices LTM4650 Datasheet HTML 23Page - Analog Devices LTM4650 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
LTM4650-2
20
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Solving for temperature:
T(KELVIN)=
∆VD
K'D
(
ーCELSIUS)= T(KELVIN)– 273.15
where
300°K = 27°C
means that is we take the difference in voltage across the
diode measured at two currents with a ratio of 10, the
resulting voltage is 198μV per Kelvin of the junction with
a zero intercept at 0 Kelvin.
The diode-connected PNP transistor at the TEMP pin
can be used to monitor the internal temperature of the
LTM4650-2. See Figure 25 for an example.
Improve Transient Response and Reduce Output
Capacitance with AVP
Fast load transient response, limited board space and low
cost are requirements of microprocessor power supplies.
Active voltage positioning improves transient response
and reduces the output capacitance required to power a
microprocessor, where in this case, a typical load step can
be from 0A to 12.5A in 1μs or 12.5A to 0A in 1μs.
Active voltage positioning is a form of deregulation. It sets
the output voltage high for light loads and low for heavy
loads. When the load current suddenly increases, the out-
put voltage starts from a level higher than the nominal,
so the output voltage can drop more and stay within the
specified voltage range. When the load current suddenly
decreases, the output voltage starts at a level lower than
the nominal, so the output voltage can have more over-
shoot and stay within the specified voltage range. Less
output capacitance is required when voltage positioning
is used because more voltage variation is allowed on the
output capacitors.
Figure 30 and Figure 32 show the voltage regulator with-
out AVP and with AVP. The load transient response before
and after AVP implementation are shown on Figure 31
and Figure 33. On the design with AVP, the output volt-
age swings from 1.05V at minimum load to 0.95V at full
load. The transient performance has been improved, while
using fewer output capacitors.
The Analog Devices design tool (LTpowerCAD) will be
provided for AVP applications.
Thermal Considerations and Output Current Derating
The thermal resistances reported in the Pin Configuration
section of the data sheet are consistent with those param-
eters defined by JESD51-9 and are intended for use with
finite element analysis (FEA) software modeling tools that
leverage the outcome of thermal modeling, simulation,
and correlation to hardware evaluation performed on a
µModule package mounted to a hardware test board—
also defined by JESD51-9 (Test Boards for Area Array
Surface Mount Package Thermal Measurements). The
motivation for providing these thermal coefficients is
found in JESD 51-12 (Guidelines for Reporting and Using
Electronic Package Thermal Information).
Many designers may opt to use laboratory equipment and
a test vehicle such as the demo board to anticipate the
µModule regulator’s thermal performance in their appli-
cation at various electrical and environmental operating
conditions to compliment any FEA activities. Without
FEA software, the thermal resistances reported in the
Pin Configuration section are in-and-of themselves not
relevant to providing guidance on thermal performance;
instead, the derating curves provided in the data sheet can
be used in a manner that yields insight and guidance per-
taining to one’s application-usage, and can be adapted to
correlate thermal performance to one’s own application.
The Pin Configuration section typically gives four thermal
coefficients explicitly defined in JESD 51-12; these coef-
ficients are quoted or paraphrased as follows:
1. θJA, the thermal resistance from junction to ambi-
ent, is the natural convection junction-to-ambient air
thermal resistance measured in one cubic foot sealed
enclosure. This environment is sometimes referred to
as “still air”, although natural convection causes the
air to move. This value is determined with the part
mounted to a JESD 51-9 defined test board, which
does not reflect an actual application or viable operat-
ing condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com