Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4650 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM4650
Description  Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4650 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM4650 Datasheet HTML 18Page - Analog Devices LTM4650 Datasheet HTML 19Page - Analog Devices LTM4650 Datasheet HTML 20Page - Analog Devices LTM4650 Datasheet HTML 21Page - Analog Devices LTM4650 Datasheet HTML 22Page - Analog Devices LTM4650 Datasheet HTML 23Page - Analog Devices LTM4650 Datasheet HTML 24Page - Analog Devices LTM4650 Datasheet HTML 25Page - Analog Devices LTM4650 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
LTM4650-2
22
Rev. 0
For more information www.analog.com
practical realities—an approach has been taken using
FEA software modeling along with laboratory testing in a
controlled-environment chamber to reasonably define and
correlate the thermal resistance values supplied in this
data sheet: (1) Initially, FEA software is used to accurately
build the mechanical geometry of the µModule and the
specified PCB with all of the correct material coefficients
along with accurate power loss source definitions; (2)
this model simulates a software-defined JEDEC environ-
ment consistent with JSED51-9 to predict power loss heat
flow and temperature readings at different interfaces that
enable the calculation of the JEDEC-defined thermal resis-
tance values; (3) the model and FEA software is used
to evaluate the µModule with heat sink and airflow; (4)
having solved for and analyzed these thermal resistance
values and simulated various operating conditions in
the software model, a thorough laboratory evaluation
replicates the simulated conditions with thermocouples
within a controlled-environment chamber while operat-
ing the device at the same power loss as that which was
simulated. An outcome of this process and due diligence
yields a set of derating curves provided in other sections
of this data sheet. After these laboratory tests have been
performed and correlated to the µModule model, then the
θJB and θBA are summed together to correlate quite well
with the µModule model with no airflow or heat sinking
in a properly defined chamber. This θJB + θBA value is
shown in the Pin Configuration section and should accu-
rately equal the θJA value because approximately 100%
of power loss flows from the junction through the board
into the ambient with no airflow or top-mounted heat sink.
Each system has its own thermal characteristics, there-
fore thermal analysis must be performed by the user in
a particular system.
The LTM4650-2 module has been designed to effectively
remove heat from both the top and bottom of the pack-
age. The bottom substrate material has very low thermal
resistance to the printed circuit board. An external heat
sink can be applied to the top of the device for excellent
heat sinking with airflow.
Figure 12 shows a temperature plot of the LTM4650-2
with 12V input, 1.0V output at 50A without a heat sink
and a no airflow condition.
APPLICATIONS INFORMATION
Figure 12. Thermal Image 12V to 1V, 50A with No Airflow and
No Heat Sink (Based on 4-Layer 101mm × 114mm PCB Board
Containing 2oz Copper on the Top, Bottom and All Internal Layers)
Safety Considerations
The LTM4650-2 modules do not provide isolation from
VIN to VOUT. There is no internal fuse. If required, a slow
blow fuse with a rating twice the maximum input cur-
rent needs to be provided to protect each unit from cata-
strophic failure. The device does support over current
protection. A temperature diode is provided for monitor-
ing internal temperature, and can be used to detect the
need for thermal shutdown that can be done by control-
ling the RUN pin.
Power Derating
The 0.9V and 1.5V power loss curves in Figure 13 and
Figure 14 can be used in coordination with the load cur-
rent derating curves in Figure 15 to Figure 22 for cal-
culating an approximate θJA thermal resistance for the
LTM4650-2 with various heat sinking and airflow condi-
tions. The power loss curves are taken at room tempera-
ture, and are increased with a 1.2 multiplicative factor
at 120°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com