Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5096 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # PCD5096
Description  Universal codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5096 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button PCD5096 Datasheet HTML 40Page - NXP Semiconductors PCD5096 Datasheet HTML 41Page - NXP Semiconductors PCD5096 Datasheet HTML 42Page - NXP Semiconductors PCD5096 Datasheet HTML 43Page - NXP Semiconductors PCD5096 Datasheet HTML 44Page - NXP Semiconductors PCD5096 Datasheet HTML 45Page - NXP Semiconductors PCD5096 Datasheet HTML 46Page - NXP Semiconductors PCD5096 Datasheet HTML 47Page - NXP Semiconductors PCD5096 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
1997 Jan 22
44
Philips Semiconductors
Preliminary specification
Universal codec
PCD5096
Table 45 Digital I/Os
Notes
1. IOH = −8 mA for pins EARM_HF and EARP_HF. IOH = −2 mA for pins IO0 and IO1.
2. IOL = 8 mA for pins EARM_HF, EARP_HF and DO. IOL = 2 mA for pins IO0 and IO1.
3. Pull-down resistor present at pin TEST. Pull-up resistor present at pins IO0 and IO1.
4. For SDA pin, IOL = 3 mA at 5 V, 1 mA at 3.3 V and 0.7 mA at 2.7 V.
5. Output fall time of SDA measured from VIH(min) to VIL(max).
Table 46 Analog supplies
Notes
1. VBGP output current is zero. Decoupling capacitance between pins VBGP and VSSA_1 is 100 nF at 25 °C.
The bandgap has a temperature coefficient between
−0.2 and +0.2 mV/ °C.
2. Vref stands for VREF1 or VREF2. Vref output current is zero. Decoupling capacitance between VREF1 and VSSA_1,
or between VREF2 and VSSA_2 is between 1 µF and 100 µF, with a 100 nF capacitance in parallel. The voltage is
programmed by setting the appropriate value (80H to BFH) for each codec, in Control Register 3. VMIC_HS and
VMIC_HF output current is zero (e.g. by setting bits 6 and 7 in Control Register 3 to a logic 0. The output can only
source current (i.e. not sink).
3. Pins VMIC_HS and VMIC_HF (called VMIC below) are internally connected to VREF2 via two switches.
The VMIC_HS switch is closed by setting the HSMICON bit in Control Register 0 to a logic 1. The VMIC_HF switch
is closed by setting the HFMICON bit in Control Register 0 to a logic 1. The VMIC DC output current is 400
µA
maximum, and VREF2 must be programmed to its typical value. Use a low pass filter (resistor + capacitor) between
VMIC and VSSA_2 of 100 Ω +10 µF, with a 100 nF capacitance in parallel. VMIC adjustment can only be done by
adjusting VREF2.
4. Valid for both VMIC_HS and VMIC_HF pins.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ILI
leakage current input pins
−−
1
µA
VIH
HIGH-level input voltage
0.7VDD_1
−−
V
VIL
LOW-level input voltage
−−
0.3VDD_1
V
VOH
HIGH-level output voltage
note 1
0.8VDD_1
−−
V
VOL
LOW-level output voltage
notes 2 and 4
−−
0.4
V
Rpd
equivalent pull-down resistor
note 3
−
50
−
k
Ω
Rpu
equivalent pull-up resistor
note 3
−
100
−
k
Ω
to(f)
SDA output fall time
notes 4 and 5
−−
250
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Vbgp
bandgap voltage
note 1
1
1.2
1.5
V
Vref
reference voltage
notes 2 and 3
1.975
2.000
2.025
V
Rvmic
microphone supply output resistance
note 4
−
75
150
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com