Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5096 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCD5096
Description  Universal codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5096 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCD5096 Datasheet HTML 14Page - NXP Semiconductors PCD5096 Datasheet HTML 15Page - NXP Semiconductors PCD5096 Datasheet HTML 16Page - NXP Semiconductors PCD5096 Datasheet HTML 17Page - NXP Semiconductors PCD5096 Datasheet HTML 18Page - NXP Semiconductors PCD5096 Datasheet HTML 19Page - NXP Semiconductors PCD5096 Datasheet HTML 20Page - NXP Semiconductors PCD5096 Datasheet HTML 21Page - NXP Semiconductors PCD5096 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
1997 Jan 22
18
Philips Semiconductors
Preliminary specification
Universal codec
PCD5096
8.3.6
CONTROL REGISTER 4 (CR4)
CR4 is used to select the DSP modes. For further information see the
“PCD5096 DSP user manual”. Its state after reset
is 0000H.
Table 19 Control Register 4 (address 7CH)
Table 20 Description of CR4 bits
Table 21 Selection of the connection mode for channels LLb and LLa
Table 22 Selection of the operation mode
15
14
13
12
11
10
9
8
765432
1
0
−−−−−−−−
LLb2
LLb1
LLb0
LLa2
LLa1
LLa0
OPM1
OPM0
BIT
SYMBOL
DESCRIPTION
15 to 8
−
These 8 bits are not used.
7
LLb2
These 3 bits select the connection mode for channel LLb; see Table 21.
6
LLb1
5
LLb0
4
LLa2
These 3 bits select the connection mode for channel LLa; see Table 21.
3
LLa1
2
LLa0
1
OPM1
These 2 bits select the operation mode, see Table 22.
0
OPM0
LLb2
LLb1
LLb0
CONNECTION MODES
LLa2
LLa1
LLa0
0
0
0
Idle mode with reset of LEC coefficients
0
0
1
Idle mode without reset of LEC coefficients
0
1
0
speech and tone
0
1
1
tone generation
1
0
0
dial tone detection
1
0
1
not allowed
1
1
0
not allowed
1
1
1
not allowed
OPM1
OPM0
OPERATION MODE
0
0
connection mode
0
1
read/write RAM mode
1
0
software reset
1
1
not allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com