Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5096 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCD5096
Description  Universal codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5096 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCD5096 Datasheet HTML 22Page - NXP Semiconductors PCD5096 Datasheet HTML 23Page - NXP Semiconductors PCD5096 Datasheet HTML 24Page - NXP Semiconductors PCD5096 Datasheet HTML 25Page - NXP Semiconductors PCD5096 Datasheet HTML 26Page - NXP Semiconductors PCD5096 Datasheet HTML 27Page - NXP Semiconductors PCD5096 Datasheet HTML 28Page - NXP Semiconductors PCD5096 Datasheet HTML 29Page - NXP Semiconductors PCD5096 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
1997 Jan 22
26
Philips Semiconductors
Preliminary specification
Universal codec
PCD5096
10 I2C-BUS INTERFACE
The PCD5096 is programmed by writing to the control
registers (CR0 to CR6) and loading the SDR using the
I2C-bus interface. The master on the I2C-bus is either a
PCD509x DECT processor or an external microcontroller.
The memory map of the PCD5096 is given in Chapter 8.
It consists of 128 words (16 bits wide) of system data
IOM buffers, IOM control data and DSP parameters) and
7 words (16 bits wide) of control registers mapped at
addresses 78H to 7EH.
The I2C-bus interface uses word and byte access to the
RAM and to the control registers. For byte access the
address is not incremented automatically. For word
access the address is incremented after two data bytes
(low, high byte) in order to be able to fill the memory
without a full I2C-bus protocol (start, slave address, stop
bits).
The protocol is shown in Figs 12 to 15. I2C_BYTE = 1, for
byte access and I2C_BYTE = 0, for word access.
I2C_BSEL = 1 for selecting the high byte and
I2C_BSEL = 0 for selecting the low byte. For control
registers with less than 8 bits, there is no difference
between word access, high byte access and low byte
access.
The PCD5096 has two pins (A1 and A0) for programming
the slave address. This means that a maximum of four
devices can be located on a board without glue logic.
The I2C-bus slave address allocated for the PCD5096 is
shown in Fig.11.
Fig.11 PCD5096 I2C-bus slave address.
handbook, halfpage
MBH870
A6
0
R/W
A5
0
A4
1
A3
1
A2
0
A1
A1
A0
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com