Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD8544 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCD8544
Description  48 x 84 pixels matrix LCD controller/driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD8544 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCD8544 Datasheet HTML 13Page - NXP Semiconductors PCD8544 Datasheet HTML 14Page - NXP Semiconductors PCD8544 Datasheet HTML 15Page - NXP Semiconductors PCD8544 Datasheet HTML 16Page - NXP Semiconductors PCD8544 Datasheet HTML 17Page - NXP Semiconductors PCD8544 Datasheet HTML 18Page - NXP Semiconductors PCD8544 Datasheet HTML 19Page - NXP Semiconductors PCD8544 Datasheet HTML 20Page - NXP Semiconductors PCD8544 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
1999 Apr 12
17
Philips Semiconductors
Product specification
48
× 84 pixels matrix LCD controller/driver
PCD8544
9
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134); see notes 1 and 2.
Notes
1. Stresses above those listed under limiting values may cause permanent damage to the device.
2. Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to
VSS unless otherwise noted.
3. With external LCD supply voltage externally supplied (voltage generator disabled). VDDmax = 5 V if LCD supply
voltage is internally generated (voltage generator enabled).
4. When setting VLCD by software, take care not to set a VOP that will exceed the maximum of 8.5 V when operating at
−25 °C, see Caution in Section 8.9.
10 HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices (see
“Handling MOS devices”).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
note 3
−0.5
+7
V
VLCD
supply voltage LCD
note 4
−0.5
+10
V
Vi
all input voltages
−0.5
VDD + 0.5
V
ISS
ground supply current
−50
+50
mA
II, IO
DC input or output current
−10
+10
mA
Ptot
total power dissipation
−
300
mW
PO
power dissipation per output
−
30
mW
Tamb
operating ambient temperature
−25
+70
°C
Tj
operating junction temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com