Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD8544 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCD8544
Description  48 x 84 pixels matrix LCD controller/driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD8544 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCD8544 Datasheet HTML 14Page - NXP Semiconductors PCD8544 Datasheet HTML 15Page - NXP Semiconductors PCD8544 Datasheet HTML 16Page - NXP Semiconductors PCD8544 Datasheet HTML 17Page - NXP Semiconductors PCD8544 Datasheet HTML 18Page - NXP Semiconductors PCD8544 Datasheet HTML 19Page - NXP Semiconductors PCD8544 Datasheet HTML 20Page - NXP Semiconductors PCD8544 Datasheet HTML 21Page - NXP Semiconductors PCD8544 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
1999 Apr 12
18
Philips Semiconductors
Product specification
48
× 84 pixels matrix LCD controller/driver
PCD8544
11 DC CHARACTERISTICS
VDD = 2.7 to 3.3 V; VSS =0V; VLCD = 6.0 to 9.0 V; Tamb = −25 to +70 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD1
supply voltage 1
LCD voltage externally
supplied (voltage generator
disabled)
2.7
−
3.3
V
VDD2
supply voltage 2
LCD voltage internally
generated (voltage
generator enabled)
2.7
−
3.3
V
VLCD1
LCD supply voltage
LCD voltage externally
supplied (voltage generator
disabled)
6.0
−
9.0
V
VLCD2
LCD supply voltage
LCD voltage internally
generated (voltage
generator enabled); note 1
6.0
−
8.5
V
IDD1
supply current 1 (normal mode)
for internal VLCD
VDD = 2.85 V; VLCD = 7.0 V;
fSCLK = 0; Tamb =25 °C;
display load = 10
µA; note 2
−
240
300
µA
IDD2
supply current 2 (normal mode)
for internal VLCD
VDD = 2.70 V; VLCD = 7.0 V;
fSCLK = 0; Tamb =25 °C;
display load = 10
µA; note 2
−−
320
µA
IDD3
supply current 3 (Power-down
mode)
with internal or external LCD
supply voltage; note 3
−
1.5
−µA
IDD4
supply current external VLCD
VDD = 2.85 V; VLCD = 9.0 V;
fSCLK = 0; notes 2 and 4
−
25
−µA
ILCD
supply current external VLCD
VDD = 2.7 V; VLCD = 7.0 V;
fSCLK = 0; T = 25 °C;
display load = 10
µA;
notes 2 and 4
−
42
−µA
Logic
VIL
LOW level input voltage
VSS
−
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
−
VDD
V
IL
leakage current
VI =VDD or VSS
−1
−
+1
µA
Column and row outputs
Ro(C)
column output resistance
C0 to C83
−
12
20
k
Ω
Ro(R)
row output resistance R0 to R47
−
12
20
k
Ω
Vbias(tol)
bias voltage tolerance on
C0 to C83 and R0 to R47
−100
0
+100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com