Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DP83
Description  DP83 Series Filter Elements
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DP83 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DP83 Datasheet HTML 1Page - List of Unclassifed Manufacturers DP83 Datasheet HTML 2Page - List of Unclassifed Manufacturers DP83 Datasheet HTML 3Page - List of Unclassifed Manufacturers DP83 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elements
PTI filter elements are manufactured with the highest quality materials
. PTI filter elements feature multi-
layer construction for increased dirt-holding capacity and low pressure drop. PTI elements provide cost-
effective contamination control for the most demanding applications. All elements are tested to the latest
industry standards including ISO 16889 procedure for multipass efficiency testing.
ISO Filtration Rating
Multipass Test results per old ISO 4572 and new ISO 16889 test procedures
Particle size (x) in microns at which the Beta Ratio (ß) is greater than or equal to the indicated value (200 or 1000).
Per ISO 4572
Per ISO 16889
Code
ß
x ≥ 200
ß
x(c) ≥ 200
ß
x(c) ≥ 1000
V
1µm
4.2µm
4.2µm
G
3µm
5µm
7µm
H
6µm
7µm
9µm
K
12µm
12µm
15µm
J
23µm
21µm
24µm
L
35µm
28µm
35µm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com