Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DP83
Description  DP83 Series Filter Elements
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DP83 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DP83 Datasheet HTML 1Page - List of Unclassifed Manufacturers DP83 Datasheet HTML 2Page - List of Unclassifed Manufacturers DP83 Datasheet HTML 3Page - List of Unclassifed Manufacturers DP83 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
©2015 An ESCO Technologies Company. All Rights Reserved.
PTI Technologies Inc.
501 Del Norte Boulevard - Oxnard, California 93030
800-331-2701 • 805-604-3700
www.ptitechnologies.com
F01101 Rev.8
PTI Technologies Inc
is certified to
ISO standards
Collapse
Code
Collapse Rating
F
150 psid (10 bar)
Table 3
Table 2
Filtration Rating
Code
Micron Rating
Media
V
ß
4.2(c) ≥ 1000
Glas-Tech
G
ß
7(c) ≥ 1000
Glas-Tech
H
ß
9(c) ≥ 1000
Glas-Tech
K
ß
15(c) ≥ 1000
Glas-Tech
J
ß
24(c) ≥ 1000
Glas-Tech
L
ß
35(c) ≥ 1000
Glas-Tech
Table 1
Size
Code
Nominal Flow
150
150 gpm (568 lpm)
250
250 gpm (948 lpm)
Viton® is a registered trademark of
DuPont Performance Elatomers
Table 4
Seals
Code
Material
B
Buna
V
Viton®
Table 5
Options
Code
Material
Omit
Standard Element
W
DryPakTM Configuration
Ordering Information
Element:
-
DP83
X X
TBL 1
TBL 2 TBL 3
X
X
X
X
-
- X
TBL 4
TBL 5
-
Dimension Information:
Dimensions*
* Dimensions in inches (mm)
Element Number DIM A Inches (mm) DIM B Inches (mm) DIM C Inches (mm)
DP83-150
16.0 (405.9)
6.0 (151.6)
4.1 (104.9)
DP83-250
37.8 (961.4)
6.0 (151.6)
4.1 (104.9)
DIM "C"
DIM "B"
DIM "A"



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com