Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DP83
Description  DP83 Series Filter Elements
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DP83 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DP83 Datasheet HTML 1Page - List of Unclassifed Manufacturers DP83 Datasheet HTML 2Page - List of Unclassifed Manufacturers DP83 Datasheet HTML 3Page - List of Unclassifed Manufacturers DP83 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FLUID MANAGEMENT SOLUTIONS
Features
• Fit PTI F7G & F8G filter assemblies
• Element collapse rating 150 psid (10 bar)
• 150 & 250 gpm (568 & 946 lpm) nominal flow rates
• Elements available with Glas-Tech® ß
x(c) ≥ 1000 media
• Optional DryPakTM moisture control media
Technical Data
Collapse Rating
150 psid (10 bar)
Operating Temperature
-45ºF to +250ºF (-43ºC to +121ºC)
Materials of Construction
Center Tube:
Zinc Plated Steel
End Caps:
Zinc Plated Steel
Seal Material Options
Seal Materials:
Buna
Viton®
Technical Information
Proper fluid maintenance requires periodic replacement of filter elements to insure
maximum contamination control. The DP83 Series filter elements are a cost
effective replacement for PTI filter assemblies. DP83 Series elements provide high
efficiency and double the dirt-holding capacity of standard elements. This results
in reduced system wear and downtime. A selection of proprietary media are offered
to meet all of your filtration requirements. PTI filters are tested to the latest ISO
standards for multipass efficiency testing.
Glas-Tech® High Performance Micro-Fiberglass Media
PTI’s proven Glas-Tech® ß
x(c) ≥ 1000 micro-fiberglass media utilizes multi-layer
construction for increased dirt-holding capacity and low pressure drop providing
cost-effective contamination control for the most demanding applications.
Glas-Tech® can be combined with DryPak™ media to provide particle and moisture
protection.
DP83 Series Filter Elements
A more robust
and reliable
filter element


Similar Part No. - DP83

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83016 NSC-DP83016 Datasheet
168Kb / 4P
Falcon Switch 16-port Gigabit Ethernet Switch Engine
DP83016AUG NSC-DP83016AUG Datasheet
168Kb / 4P
Falcon Switch 16-port Gigabit Ethernet Switch Engine
DP8303A NSC-DP8303A Datasheet
112Kb / 6P
8-Bit TRI-STATE-R Bidirectional Transceiver (Inverting)
DP8303AN NSC-DP8303AN Datasheet
112Kb / 6P
8-Bit TRI-STATE-R Bidirectional Transceiver (Inverting)
logo
List of Unclassifed Man...
DP8303J ETC1-DP8303J Datasheet
442Kb / 6P
OCTAL THREE-STATE BIDIRECTIONAL BUS TRANSCEIVERS
More results

Similar Description - DP83

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS31 TI-SN54LS31 Datasheet
137Kb / 4P
DELAY ELEMENTS
logo
Panasonic Semiconductor
UNH1115 PANASONIC-UNH1115 Datasheet
36Kb / 2P
Circuit Protector Elements
UNHS200 PANASONIC-UNHS200 Datasheet
72Kb / 3P
Circuit Protector Elements
logo
Rohm
ICP-S2.3TN ROHM-ICP-S2.3TN Datasheet
98Kb / 6P
Circuit protection elements
logo
Texas Instruments
SN54LS31 TI1-SN54LS31_12 Datasheet
474Kb / 6P
DELAY ELEMENTS
logo
M-System Co.,Ltd.
MEX-F MSYSTEM-MEX-F Datasheet
153Kb / 5P
Final Control Elements
MEX-E MSYSTEM-MEX-E Datasheet
110Kb / 3P
Final Control Elements
MEX-C MSYSTEM-MEX-C Datasheet
111Kb / 3P
Final Control Elements
MRP5D MSYSTEM-MRP5D Datasheet
160Kb / 5P
Final Control Elements
MRP4C MSYSTEM-MRP4C Datasheet
138Kb / 4P
Final Control Elements
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com