Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1085LD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GS1085LD
Description  3A Low Dropout Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS1085LD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GS1085LD Datasheet HTML 1Page - List of Unclassifed Manufacturers GS1085LD Datasheet HTML 2Page - List of Unclassifed Manufacturers GS1085LD Datasheet HTML 3Page - List of Unclassifed Manufacturers GS1085LD Datasheet HTML 4Page - List of Unclassifed Manufacturers GS1085LD Datasheet HTML 5Page - List of Unclassifed Manufacturers GS1085LD Datasheet HTML 6Page - List of Unclassifed Manufacturers GS1085LD Datasheet HTML 7Page - List of Unclassifed Manufacturers GS1085LD Datasheet HTML 8Page - List of Unclassifed Manufacturers GS1085LD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
www.gs-power.com
Packages & Pin Assignments
GS1085LM
(TO-263)
GS1085LD
(T0-252)
GS1085LX
(SOT-223)
1
2
GS1085LM-xxF
3
TAB
1
GND/ADJ
1
GND/ADJ
1
GND/ADJ
2
VOUT
2
VOUT
2
VOUT
3
VIN
3
VIN
3
VIN
Ordering Information
TO-263
TO-252
SOT-223
Output
GS1085LMF
GS1085LDF
GS1085LXF
ADJ
GS1085LM15F
GS1085LD15F
GS1085LX15F
1.5V
GS1085LM18F
GS1085LD18F
GS1085LX18F
1.8V
GS1085LM25F
GS1085LD25F
GS1085LX25F
2.5V
GS1085LM33F
GS1085LD33F
GS1085LX33F
3.3V
GS1085LM50F
GS1085LD50F
GS1085LX50F
5.0V
Adjustable Version does not need Voltage Code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com