Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1085LD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GS1085LD
Description  3A Low Dropout Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS1085LD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GS1085LD Datasheet HTML 1Page - List of Unclassifed Manufacturers GS1085LD Datasheet HTML 2Page - List of Unclassifed Manufacturers GS1085LD Datasheet HTML 3Page - List of Unclassifed Manufacturers GS1085LD Datasheet HTML 4Page - List of Unclassifed Manufacturers GS1085LD Datasheet HTML 5Page - List of Unclassifed Manufacturers GS1085LD Datasheet HTML 6Page - List of Unclassifed Manufacturers GS1085LD Datasheet HTML 7Page - List of Unclassifed Manufacturers GS1085LD Datasheet HTML 8Page - List of Unclassifed Manufacturers GS1085LD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
www.gs-power.com
GS1085L
3A Low Dropout Voltage Regulator
Product Description
Features
The GS1085L is a low drop voltage regulator able
to provide up to 3A output current. The dropout
voltage of the device is guaranteed at a maximum
1.3V at the maximum output current, decreasing at
lower loads.
The GS1085L is pin compatible with older
3-terminal adjustable regulators, but has better
performances in term of drop and output tolerance.
Three Terminal Adjustable or Fixed Output
Voltages 1.5V, 1.8V, 2.5V, 3.3V and 5V
Guaranteed Output Current up to 3A
Typical Dropout 1.3V (at 3A)
Output Tolerance: ±2% at 25 ºC
Wind Operating Temperature Range: -40 ºC
to 125 ºC
Package Available: TO-263, TO-252,
and SOT-223
RoHS Compliant,100%Pb & Halogen Free
Applications
Post Regulators for Switching Supply
Battery-Powered Circuitry
Low Voltage Logic Supplies
High efficiency linear regulators
Adjustable power supply
Block Diagram


Similar Part No. - GS1085LD

ManufacturerPart #DatasheetDescription
logo
Globaltech Semiconducto...
GS1085LXF GLOBALTECH-GS1085LXF Datasheet
647Kb / 7P
3A Linear Regulator
Version_2.2
More results

Similar Description - GS1085LD

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085 Datasheet
85Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATOR
AMS1587 ADMOS-AMS1587 Datasheet
85Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1587 SIPEX-SPX1587 Datasheet
171Kb / 7P
3A Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
CM1582 ETC2-CM1582 Datasheet
256Kb / 11P
3A LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085_05 Datasheet
194Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CX1085 ETC2-CX1085 Datasheet
108Kb / 2P
3A Low dropout voltage regulator
logo
Exar Corporation
SPX1587 EXAR-SPX1587 Datasheet
622Kb / 11P
3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
3A Low Dropout Voltage Regulator
XRP29302ETBTR-L EXAR-XRP29302ETBTR-L Datasheet
2Mb / 9P
3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300_16 Datasheet
660Kb / 10P
3A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com