Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1085LD Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GS1085LD
Description  3A Low Dropout Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS1085LD Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GS1085LD Datasheet HTML 2Page - List of Unclassifed Manufacturers GS1085LD Datasheet HTML 3Page - List of Unclassifed Manufacturers GS1085LD Datasheet HTML 4Page - List of Unclassifed Manufacturers GS1085LD Datasheet HTML 5Page - List of Unclassifed Manufacturers GS1085LD Datasheet HTML 6Page - List of Unclassifed Manufacturers GS1085LD Datasheet HTML 7Page - List of Unclassifed Manufacturers GS1085LD Datasheet HTML 8Page - List of Unclassifed Manufacturers GS1085LD Datasheet HTML 9Page - List of Unclassifed Manufacturers GS1085LD Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
www.gs-power.com
Typical Performance Characteristics(Continue)
Temperature Stability
Ripple Rejection
-50 -25
0
25 50 75 100 125 150
2.0
1.0
0
-1.0
-2.0
TEMPERATURE(°C)
0
20
40
60
80
100
1k
10k
100k
10
30
50
70
FREQUENCY (Hz)
IOUT=IFULL LOAD
(VIN-VOUT)³VDROPOUT
VRIPPLE 3VP-P
VRIPPLE 0.5VP-P
(VIN-VOUT)³V
Ripple Rejection vs. Current
Short-Circuit Current
fR=120Hz
VRIPPLE=3Vp-p
fR=20KHz
VRIPPLE=0.5Vp-p
0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (0 TO IFULLLOAD)
0
2
4
6
8
10
12
0
6
4
2
14
INPUT/OUTPUT DIFFERENTIAL (V)
1
5
3
Load Transient Response
Line Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com