Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE84C487 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCE84C487
Description  Microcontrollers for digital auto-sync and VST TV controller applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCE84C487 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCE84C487 Datasheet HTML 9Page - NXP Semiconductors PCE84C487 Datasheet HTML 10Page - NXP Semiconductors PCE84C487 Datasheet HTML 11Page - NXP Semiconductors PCE84C487 Datasheet HTML 12Page - NXP Semiconductors PCE84C487 Datasheet HTML 13Page - NXP Semiconductors PCE84C487 Datasheet HTML 14Page - NXP Semiconductors PCE84C487 Datasheet HTML 15Page - NXP Semiconductors PCE84C487 Datasheet HTML 16Page - NXP Semiconductors PCE84C487 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
1996 Feb 21
13
Philips Semiconductors
Objective specification
Microcontrollers for digital auto-sync and
VST TV controller applications
PCE84C486; PCE84C487
7.3
14-bit PWM output (PWM8)
The 14-bit PWM output can be used to generate the
Automatic Frequency Control (AFC) signal used in VST
applications.
PWM8 shares the same pin as Derivative Port line DP13.
Selection of the pin function as either a PWM output or as
a Derivative Port line is achieved using the PWM8E bit in
Register 22.
The Block diagram for the 14-bit PWM output is shown in
Fig.10 and comprises:
• Two 7-bit latches: PWM8L (Register 18) and PWM8H
(Register 19)
• 14-bit data latch (PWMREG)
• 14-bit counter
• Coarse pulse controller
• Fine pulse controller
• Mixer.
Data is loaded into the 14-bit data latch (PWMREG) from
the two 7-bit data latches (PWM8H and PWM8L) when
PWM8L is written to. The contents of PWMREG determine
the active time of the PWM8 output. The upper seven bits
of PWMREG are used by the coarse pulse controller and
determine the coarse pulse width; the lower seven bits are
used by the fine pulse controller and determine in which
subperiods fine pulses will be added. The outputs OUT1
and OUT2 of the coarse and fine pulse controllers are
‘ORED’ in the mixer to give the PWM8 output. The polarity
of the PWM8 output is programmable and is selected by
the P8LVL bit in Register 23.
As the 14-bit counter is clocked by 1
⁄3 × fxtal, the repetition
times of the coarse and fine pulse controllers may be
calculated as shown below.
Coarse controller repetition time:
Fine controller repetition time:
Figure 11 shows typical PWM8 outputs, with coarse
adjustment only, for different values held in PWM8H. Note
that the PWM8 coarse controller output is the same as the
7-bit PWM outputs except the polarity is reversed.
Figure 12 shows typical PWM8 outputs, with coarse and
fine adjustment, after the coarse and fine pulse controller
outputs have been ‘ORED’ by the mixer.
t
sub
384
f
xtal
----------
=
t
r
49152
f
xtal
----------------
=
7.3.1
COARSE ADJUSTMENT
An active HIGH pulse is generated in every subperiod; the
pulse width being determined by the contents of PWM8H.
The coarse output (OUT1) is LOW at the start of each
subperiod and will remain LOW until the time
has elapsed. The output will
then go HIGH and remain HIGH until the start of the next
subperiod. The coarse pulse width may be calculated as
shown below.
7.3.2
FINE ADJUSTMENT
Fine adjustment is achieved by generating an additional
pulse in specific subperiods. The pulse is added at the
start of the selected subperiod and has a pulse width of
3/fxtal. The contents of PWM8L determine in which
subperiods a fine pulse will be added. It is the logic 0 state
of the value held in PWM8L that actually selects the
subperiods. When more than one bit is a logic 0 then the
subperiods selected will be a combination of those
subperiods specified in Table 3. For example, if
PWM8L = 111 1010 then this is a combination of:
• PWM8L = 111 1110: subperiod 64 and
• PWM8L = 111 1011: subperiods 16, 48, 80 and 112.
Pulses will be added in subperiods 16, 48, 64, 80 and 112.
This example is illustrated in Fig.13.
When PWM8L holds 111 1111 fine adjustment is inhibited
and the PWM8 output is determined only by the contents
of PWM8H.
Table 3
Additional pulse distribution
PWM8L
ADDITIONAL PULSE IN SUBPERIOD
111 1110
64
111 1101
32 and 96
111 1011
16, 48, 80 and 112
111 0111
8, 24, 40, 56, 72, 88, 104 and 120
110 1111
4, 12, 20, 28, 36, 44, 52...116 and 124
101 1111
2, 6, 10, 14, 18, 22, 26, 30...122 and 126
011 1111
1, 3, 5, 7, 9, 11, 13, 15, 17...125 and 127
3f
xtal
⁄
PWM8H
1
+
()
×
[]
Pulse duration
127
PWM8H
–
()
3
f
xtal
--------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com