Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE84C487 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCE84C487
Description  Microcontrollers for digital auto-sync and VST TV controller applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCE84C487 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCE84C487 Datasheet HTML 17Page - NXP Semiconductors PCE84C487 Datasheet HTML 18Page - NXP Semiconductors PCE84C487 Datasheet HTML 19Page - NXP Semiconductors PCE84C487 Datasheet HTML 20Page - NXP Semiconductors PCE84C487 Datasheet HTML 21Page - NXP Semiconductors PCE84C487 Datasheet HTML 22Page - NXP Semiconductors PCE84C487 Datasheet HTML 23Page - NXP Semiconductors PCE84C487 Datasheet HTML 24Page - NXP Semiconductors PCE84C487 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
1996 Feb 21
21
Philips Semiconductors
Objective specification
Microcontrollers for digital auto-sync and
VST TV controller applications
PCE84C486; PCE84C487
9I2C-BUS INTERFACE
The PCE84C48X has an on-chip I2C-bus interface that
can be used in master or slave mode. Full details of the
I2C-bus are given in the document
“The I2C-bus and how
to use it”. This document may be ordered using the code
9398 393 40011.
The I2C-bus interface lines SDA and SCL share the same
pins as port lines DP20 and P10 respectively. Selection of
the pin function as either an I2C-bus line or a port line is
achieved using the SDAE and SCLE bits in Derivative
Register 22. Only port Option 2 is available for both of
these pins.
10 8-BIT COUNTER (T3)
The main application for this counter is in the frequency
measurement of the Hsync signal.
The block diagram of the 8-bit counter is shown in Fig.22.
A Schmitt trigger is used at the input for noise rejection and
also to shape the input signal into a square wave. The T3
input is sampled at a frequency of 1
⁄3 × fosc by the sample
clock which synchronizes the internal T3 clock and the
read operation of Derivative Register 24. The rising edge
of the input increments the ripple counter by 1.
The contents of T3 may be read using the instruction
MOV A, D24H. As soon as the data is read, the counter is
reset to zero. A counter overflow or Power-on-reset also
resets the counter contents to zero.
If the rising and falling edges of the input pulse are less
than 30 ns then the minimum pulse width that the T3 input
will recognise is 3/fosc + 100 ns. If the system clock is
10 MHz then the minimum pulse width is 400 ns. In some
display modes, the active pulse width of the Hsync signal
can be less than 400 ns; in this situation some external
application circuitry may be required.
handbook, halfpage
t
H
t
L
0.9 V
DD
0.1 V
DD
0.1 V
DD
0.9 V
DD
t
r
t
r
t
f
MGC719
t
f
Fig.18 T3 input waveform.
Fig.19 Block diagram of the 8-bit counter (T3).
handbook, full pagewidth
MGC717
T3
Power-on-reset
sample clock
READ D24H
EMU
8-BIT COUNTER
RESET
Q0 to Q7
CK
Data bus
SYNCHRONISATION
CIRCUIT
T3 COUNTER
CONTROL CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com