Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE84C487 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCE84C487
Description  Microcontrollers for digital auto-sync and VST TV controller applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCE84C487 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCE84C487 Datasheet HTML 1Page - NXP Semiconductors PCE84C487 Datasheet HTML 2Page - NXP Semiconductors PCE84C487 Datasheet HTML 3Page - NXP Semiconductors PCE84C487 Datasheet HTML 4Page - NXP Semiconductors PCE84C487 Datasheet HTML 5Page - NXP Semiconductors PCE84C487 Datasheet HTML 6Page - NXP Semiconductors PCE84C487 Datasheet HTML 7Page - NXP Semiconductors PCE84C487 Datasheet HTML 8Page - NXP Semiconductors PCE84C487 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
1996 Feb 21
3
Philips Semiconductors
Objective specification
Microcontrollers for digital auto-sync and
VST TV controller applications
PCE84C486; PCE84C487
1
FEATURES
1.1
General
• CMOS 8-bit CPU (enhanced 8048 CPU) with 4 kbytes
system ROM and 128 bytes system RAM
• One 8-bit timer/event counter (T1) and one 8-bit counter
(T3) triggered by external input
• Three single level vectored interrupt sources: external
(INTN), counter/timer and I2C-bus
• 2 directly testable inputs T0 and T1
• On-chip oscillator clock frequency: 1 to 10 MHz
• On-chip Power-on-reset with low power detector
• The PCE84C486 has eleven quasi-bidirectional I/O
lines, the PCE84C487 has twelve. The configuration of
each I/O line individually selected by mask option
• Idle and Stop modes for reduced power consumption
• Operating temperature: −25 to +85 °C
• Operating voltage: 4.5 to 5.5 V
• Packages: SDIP32 for the PCE84C486; SDIP42 for the
PCE84C487.
1.2
Special
• Master-slave I2C-bus interface
• Four 6-bit Pulse Width Modulated outputs
• Four 7-bit Pulse Width Modulated outputs
• Four 8-bit Pulse Width Modulated outputs (PCE84C487
only)
• One 14-bit Pulse Width Modulated output
• Two 4-bit Analog-to-Digital Converter (ADC) channels
• 14 derivative I/O ports
• Watchdog Timer.
2
GENERAL DESCRIPTION
The PCE84C486 and PCE84C487 are low-cost
microcontrollers and have been designed for use with
auto-sync monitors, handling mode detection, digital
control and Voltage Synthesized Tuning (VST). These
microcontrollers have no on-chip OSD function.
The term PCE84C48X is used throughout this data sheet
to refer to both devices. Differences between the
PCE84C486 and the PCE84C487 are highlighted
throughout the document.
The PCE84C48X is a member of the 84CXXX CMOS
microcontroller family. The device uses the PCE84CXX
processor core and has 4 kbytes of ROM and 128 bytes of
RAM. I/O requirements are catered for with 11 general
purpose bidirectional I/O lines (the PCE84C487 has 12)
plus 12 function combined I/O lines (the PCE84C487 has
16). Nine PWM analog outputs (the PCE84C487 has 13)
are available for analog control purposes and also a two
channel 4-bit ADC. The device has an 8-bit counter (T3),
for use in pulse counting applications and also an 8-bit
timer/counter (T1) with programmable clock. A Watchdog
timer, a master-slave I2C-bus interface and 2 directly
testable lines are also available on-chip.
The block diagram of the PCE84C486 is shown in Fig.1;
the block diagram of the PCE84C487 is shown in Fig.2.
3
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCE84C486
SDIP32
plastic shrink dual in-line package; 32 leads (400 mil)
SOT232-1
PCE84C487
SDIP42
plastic shrink dual in-line package; 42 leads (600 mil)
SOT270-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com