Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

274-2AB Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 274-2AB
Description  BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

274-2AB Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 274-2AB Datasheet HTML 4Page - List of Unclassifed Manufacturers 274-2AB Datasheet HTML 5Page - List of Unclassifed Manufacturers 274-2AB Datasheet HTML 6Page - List of Unclassifed Manufacturers 274-2AB Datasheet HTML 7Page - List of Unclassifed Manufacturers 274-2AB Datasheet HTML 8Page - List of Unclassifed Manufacturers 274-2AB Datasheet HTML 9Page - List of Unclassifed Manufacturers 274-2AB Datasheet HTML 10Page - List of Unclassifed Manufacturers 274-2AB Datasheet HTML 11Page - List of Unclassifed Manufacturers 274-2AB Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
58
59
wakefield-vette.com
Contact us: (603) 635-2800
Dimensions: in. (mm)
Dimensions: in. (mm)
MECHANICAL DIMENSIONS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
232-200AB-23
238-200AB
238-200AB-23
232-200AB
238 SERIES
232 AND 238 SERIES
BOARD LEVEL
HEAT SINKS
BOARD LEVEL
HEAT SINKS
232 & 238 SERIES
STAGGERED FIN HEAT SINKS FOR
VERTICAL MOUNTING
Height Above
Footprint
Standard
PC Board
Dimensions
Mounting
Solderable Mounting
Natural
Forced
P/N
in. (mm)
in. (mm) Configuration Tab Options Style Convection Convection
251-62AB
.620 (15.7)
.910 (23.1) x .380 (9.7) Vert./Horiz.
No Tab
Clip
66°C @ 3W
66°C/W @ 400 LFM
251-80AB
.845 (21.5)
.910 (23.1) x .380 (9.7) Vert./Horiz.
No Tab
Clip
64°C @ 3W
66°C/W @ 400 LFM
251-80ABE-19 .875 (22.2)
.910 (23.1) x .380 (9.7)
Vertical
19
Clip
64°C @ 3W
66°C/W @ 400 LFM
Material: Aluminum, Black Anodized
MECHANICAL DIMENSIONS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
251-62AB
251-80AB
251-80AB-19
251 SERIES
SLIM-PROFILE HEAT SINKS WITH INTEGRAL CLIPS
Height Above
Footprint
Standard
PC Board
Dimensions
Mounting
Solderable
Natural
Force
Weight
P/N
in. (mm)
in. (mm) Configuration Tab Options Convection Convection lbs. (grams)
244-145AB
1.450 (36.8) 1.300 (33.0) x 480 (12.1)
Vert/Horiz,
No Tab
44°C @ 4W
4.4°C/W @ 400 LFM
.0160 (7.25)
244-145ABE-50 1.650 (41.9) 1.300 (33.0) x 480 (12.1)
Vertical
50
44°C @ 4W
4.4°C/W @ 400 LFM
.0170 (7.20)
Material: Aluminum, Black Anodized
244 SERIES
LOW HEIGHT, SLIM PROFILE WAVE-SOLDERABLE
FOLDED FIN HEAT SINKS
Dimensions: in. (mm)
Height Above
Footprint
Standard
PC Board
Dimensions
Mounting
Solderable
Natural
Forced
Weight
P/N
in. (mm)
in. (mm) Configuration Tab Options Convection Convection lbs. (grams)
245-145AB
1.450 (36.8) 1.750 (44.5) x .380 (9.7) Ver.t/Horiz.
No Tab
38°C @ 4W
3.2°C/W @ 400 LFM .0160 (7.25)
245-145ABE-50 1.650 (41.9) 1.750 (44.5) x .380 (9.7)
Vertical
50
38°C @ 4W
3.2°C/W @ 400 LFM .0170 (7.20)
Material: Aluminum, Black Anodized
245 SERIES
LOW HEIGHT, SLIM PROFILE WAVE-SOLDERABLE
FOLDED FIN HEAT SINKS
Dimensions: in. (mm)
Height Above
Footprint
Standard
PC Board
Dimensions
Mounting
Solderable
Mounting
Natural
Forced
P/N
in. (mm) in. (mm) Configuration Tab Options Style Convection Convection
232-200AB
2.000 (50.8) 1.380 (35.1) x .500 (12.7)
Vertical
2, Twisted Clip/Mtg Hole
48°C @ 4W
3.3°C/W @ 400 LFM
232-200ABE-23 2.000 (50.8) 1.380 (35.1) x .500 (12.7)
Vertical
2, Solderable Clip/Mtg Hole
48°C @ 4W
3.3°C/W @ 400 LFM
238-200AB
2.000 (50.8) 1.380 (35.1) x .500 (12.7)
Vertical
2, Twisted
Mtg Slot
48°C @ 4W
3.3°C/W @ 400 LFM
238-200ABE-23 2.000 (50.8) 1.380 (35.1) x .500 (12.7)
Vertical
2, Solderable
Mtg Slot
48°C @ 4W
3.3°C/W @ 400 LFM
Material: Aluminum, Black Anodized
Thermal Performance at Typical Load
Thermal Performance at Typical Load
Thermal Performance at Typical Load
Thermal Performance at Typical Load
BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
BOARD LEVEL HEAT SINKS FOR TO-220, TO-218 &
MULTIWATT™ COMPONENTS
Multiwatt
15 Lead Multiwatt
TO-220 and TO-202
MECHANICAL DIMENSIONS
MECHANICAL DIMENSIONS
Multiwatt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com