Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

274-2AB Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # 274-2AB
Description  BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

274-2AB Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button 274-2AB Datasheet HTML 8Page - List of Unclassifed Manufacturers 274-2AB Datasheet HTML 9Page - List of Unclassifed Manufacturers 274-2AB Datasheet HTML 10Page - List of Unclassifed Manufacturers 274-2AB Datasheet HTML 11Page - List of Unclassifed Manufacturers 274-2AB Datasheet HTML 12Page - List of Unclassifed Manufacturers 274-2AB Datasheet HTML 13Page - List of Unclassifed Manufacturers 274-2AB Datasheet HTML 14Page - List of Unclassifed Manufacturers 274-2AB Datasheet HTML 15Page - List of Unclassifed Manufacturers 274-2AB Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
66
67
wakefield-vette.com
Contact us: (603) 635-2800
Efficient heat removal at low cost can be achieved by inserting the
286 Series directly into pre-drilled circuit boards;
scored mounting tabs may be bent after insertion to provide added stability. The
286 Series can be wave-soldered
directly to the board. See also 286DB Series on page 55.
BOARD LEVEL
HEAT SINKS
BOARD LEVEL
HEAT SINKS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
Height Above
Standard
PC Board
Maximum Footprint
Natural
Forced
Weight
P/N
in. (mm)
in. (mm)
Material
Convection
Convection
lbs. (grams)
286-AB
1.190 (30.2)
1.000 (25.4) x 0.500 (12.7) Aluminum, Anodized
58°C @ 4W
7.4°CW @ 200 LFM
0.0085 (3.86)
286-CBTE
1.190 (30.2)
1.000 (25.4) x 0.500 (12.7)
Copper, Black
58°C @ 4W
7.4°CW @ 200 LFM
0.0250 (11.34)
286-CTE
1.190 (30.2)
1.000 (25.4) x 0.500 (12.7)
Copper, Tinned
58°C @ 4W
7.4°CW @ 200 LFM
0.0250 (11.34)
Material: 286-AB style (aluminum, black anodized), 286-CBT style (copper, black paint tin tabs), and 286-CT style (copper, tinned).
286 SERIES
ALUMINUM AND COPPER LOW-COST WAVE-SOLDERABLE
HEAT SINKS
Thermal Performance at Typical Load
MECHANICAL DIMENSIONS
Dimensions: in. (mm)
287 SERIES
Height Above
Maximum
PC Board
Footprint “A”
Natural
Forced
Weight
Mounting Slot Mounting Hole
in. (mm)
in. (mm)
Convection
Convection
lbs. (grams)
287-1ABE
287-1ABH
1.180 (30.0)
1.000 (25.4) x 0.500 (12.7)
65°C @ 4W
7.8°CW @ 200 LFM
0.0090 (4.08)
287-2ABE
287-2ABH
1.180 (30.0)
1.000 (25.4) x 1.000 (25.4)
55°C @ 4W
6.4°CW @ 200 LFM
0.0140 (6.35)
Material: Aluminum, Black Anodized
Mount these cost-effective TO-220 heat sinks vertically into pre-drilled printed circuit boards. Soldered, pre-tinned
tabs can be wavesoldered directly to the board. A 0.375 in. (9.5 mm) mounting slot allows for correct positioning
of TO-220 and similar semiconductor packages.
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
Standard P/NDim. “A”
287-1AB
0.500 (12.7)
287-2AB
1.000 (25.4)
287-1ABH
0.500 (12.7)
287-2ABH
1.000 (25.4)
WAVE-SOLDERABLE LOW-COST HEAT SINKS
MECHANICAL DIMENSIONS
Dimensions: in. (mm)
Standard P/N
Thermal Performance at Typical Load
Standard
Nominal Installed
For Use
Weight
P/N
Loading Force
With Series
Material
lbs. (grams)
285 SC
10 lbs
232, 237, 240, 252, 667
Carbon Steel
0.00053 (0.24)
330 SC
4 lbs
232, 237, 240, 252, 667
Stainless Steel
0.00074 (0.34)
SpeedClips™ employ a locking safety tab for mounting. Must be ordered separately for these heat sink series. Use
these SpeedClips™ with our 237, 240, and 252 Series heat sinks for the lowest production assembly time and cost.
Order one SpeedClip™ for each heat sink purchased. Must be purchased with heat sinks.
Speed
Clip
330 SC
4 lb (17.8N)
Nominal Force
Installed
Speed
Clip
285 SC
10 lb (44.5N)
Nominal Force
Installed
285 & 330 SERIES
285 SC AND 330 SC SPEEDCLIPS™
MECHANICAL DIMENSIONS
Dimensions: in. (mm)
695 SERIES
Maximum
Standard
Width
Height
Natural
Forced
Weight
P/N
in. (mm)
in. (mm)
Convection
Convection
lbs. (grams)
695-1B
1.330 (33.8)
0.530 (13.7)
72°C @ 4.0W
5.2°C/W @ 400 LFM
0.008 (4.0)
Mount and effectively heat sink small stud-mounted diodes with the
695 Series space-saving heat sink type. Each
unit is black anodized aluminum with an 0.200 in. (5.1) dia. mounting hole centered in the base. The folded fin
design provides good heat dissipation for use where height is limited above the printed circuit board or base plate.
SPACE-SAVING HEAT SINKS FOR SMALL
STUD-MOUNTED DIODES
Thermal Performance at Typical Load
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
MECHANICAL DIMENSIONS
Dimensions: in. (mm)
BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
TO-220
TO-220
Stud-Mount



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com