Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

274-2AB Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 274-2AB
Description  BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

274-2AB Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 274-2AB Datasheet HTML 6Page - List of Unclassifed Manufacturers 274-2AB Datasheet HTML 7Page - List of Unclassifed Manufacturers 274-2AB Datasheet HTML 8Page - List of Unclassifed Manufacturers 274-2AB Datasheet HTML 9Page - List of Unclassifed Manufacturers 274-2AB Datasheet HTML 10Page - List of Unclassifed Manufacturers 274-2AB Datasheet HTML 11Page - List of Unclassifed Manufacturers 274-2AB Datasheet HTML 12Page - List of Unclassifed Manufacturers 274-2AB Datasheet HTML 13Page - List of Unclassifed Manufacturers 274-2AB Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
62
63
BOARD LEVEL
HEAT SINKS
BOARD LEVEL
HEAT SINKS
288 SERIES
COMPACT WAVE-SOLDERABLE LOW-COST
HEAT SINKS
Height Above
Maximum
Standard
PC Board
Footprint
Natural
Forced
Weight
P/N
in. (mm)
in. (mm)
Convection
Convection
lbs. (grams)
288-1ABE
1.250 (31.8)
0.875 (22.2) x 0.215 (5.5)
85°C @ 4W
12°C/W @ 200 LFM
0.0057 (2.59)
Mounting tabs are pre-tinned to ensure excellent wave-solder bond and good electrical connections for
vertical mounting of TO-220 and TO-202 semiconductor packages. These heat sinks are designed for use
where minimum PC board space is available. The 288-1AB is a stamped aluminum heat sink, black anodized,
designed for applications requiring good heat dissipation from a heat sink occupying minimum space,
available at minimum cost.
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
Dimensions: in. (mm)
Dimensions: in. (mm)
MECHANICAL DIMENSIONS
MECHANICAL DIMENSIONS
This top-hat style booster heat sink can be added to any of the 270, 272, or 280 Series for improved performance.
NOTE A: Thermal resistance with one 271-AB. NOTE B: Thermal resistance (total) as shown with (2) 271-AB types
added to (1) 272-AB type.
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
271 SERIES
271 SERIES
TOP-MOUNT BOOSTER HEAT SINKS FOR USE WITH
270/272/280 SERIES
TOP-MOUNT BOOSTER HEAT SINKS FOR USE WITH
270/272/280 SERIES
SMALL FOOTPRINT LOW-COST HEAT SINKS
Height Above
Horizontal Mounting
Standard
PC Board
Maximum Footing
Solderable
Natural
Forced
Weight
P/N
in. (mm)
in. (mm)
Tab Options
Convection
Convection
lbs. (grams)
270-AB
0.375 (9.4)
1.750 (44.5) x 0.700 (17.8)
—
70°C @ 4W
6.0°C/W @ 400 LFM
0.0052 (2.36)
272-AB
0.375 (9.4)
1.750 (44.5) x 1.450 (36.8)
01,02
42°C @ 4W
3.6°C/W @ 400 LFM
0.0105 (5.72)
280-AB
0.375 (9.4)
1.750 (44.5) x 0.700 (17.8)
—
70°C @ 4W
6.0°C/W @ 400 LFM
0.0048 (2.18)
Material: Aluminum, Black Anodized
These exceptionally low-cost heat sinks can be mounted horizontally under a TO-220 or TO-202 case style
with a maximum height of only 0.375 in. (9.4). For added performance, a 271 Series heat sink can also be used
for double-sided heat dissipation. The 270-AB and 280-AB accept one power semiconductor; the 272-AB is
designed for two power semiconductors. Specify solderable tab options for the
272 Series by the addition of
suffix “O1” or “02” to the standard part number (i.e. 272-AB01 or 272-AB02).
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
270 SERIES
280 SERIES
272 SERIES
272AB01
272AB02
Dimensions: in. (mm)
MECHANICAL DIMENSIONS
270, 272, &
280 SERIES
Thermal Performance at Typical Load
Horizontal
Height Above
Mounting Footprint
Standard Semiconductor Case
Dimensions
Natural
Forced
Weight
P/N
in. (mm)
in. (mm)
Convection
Convection
lbs. (grams)
271-AB
0.500 (12.7)
1.750 (44.5) x 0.700 (17.8)
62°C @ 4W (NOTE A)
5.1°C/W @ 400 LFM
0.0052 (2.36)
31 °C @ 4W (NOTE B)
1.8°C/W 400 LFM (NOTE B)
Material: Aluminum, Black Anodized
Thermal Performance at Typical Load
Thermal Performance at Typical Load
BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
TO-220
TO-220
TO-220 and TO-202
TO-220 and TO-202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com