Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP100 Datasheet(PDF) 406 Page - STMicroelectronics

Part # LQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP100 Datasheet(HTML) 406 Page - STMicroelectronics

Back Button LQFP100 Datasheet HTML 402Page - STMicroelectronics LQFP100 Datasheet HTML 403Page - STMicroelectronics LQFP100 Datasheet HTML 404Page - STMicroelectronics LQFP100 Datasheet HTML 405Page - STMicroelectronics LQFP100 Datasheet HTML 406Page - STMicroelectronics LQFP100 Datasheet HTML 407Page - STMicroelectronics LQFP100 Datasheet HTML 408Page - STMicroelectronics LQFP100 Datasheet HTML 409Page - STMicroelectronics LQFP100 Datasheet HTML 410Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 406 / 429 page
background image
406/429
ST92F124/F150/F250 - GENERAL INFORMATION
Figure 166. 100-Pin Plastic Quad Flat Package
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
3.40
0.134
A1
0.25
0.50 0.010
0.020
A2
2.50
2.70
2.90 0.098 0.106 0.114
b
0.22
0.40 0.009
0.016
c
0.11
0.23 0.004
0.009
D
23.20
0.913
D1
20.00
0.787
D2
18.85
0.742
E
17.20
0.677
E1
14.00
0.551
E2
12.35
0.486
e
0.65
0.026
L
0.73
0.88
1.03 0.029 0.035 0.041
Number of Pins
N
100
A
A2
A1
b
e
0×- 7×
c
1.60 mm
L
E
E1
E2
D
D1
D2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com