Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP100 Datasheet(PDF) 408 Page - STMicroelectronics

Part # LQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP100 Datasheet(HTML) 408 Page - STMicroelectronics

Back Button LQFP100 Datasheet HTML 404Page - STMicroelectronics LQFP100 Datasheet HTML 405Page - STMicroelectronics LQFP100 Datasheet HTML 406Page - STMicroelectronics LQFP100 Datasheet HTML 407Page - STMicroelectronics LQFP100 Datasheet HTML 408Page - STMicroelectronics LQFP100 Datasheet HTML 409Page - STMicroelectronics LQFP100 Datasheet HTML 410Page - STMicroelectronics LQFP100 Datasheet HTML 411Page - STMicroelectronics LQFP100 Datasheet HTML 412Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 429 page
background image
408/429
ST92F124/F150/F250 - KNOWN LIMITATIONS
13 KNOWN LIMITATIONS
Limitations described in this section apply to all sil-
icon revisions. They are listed in the following ta-
ble.
Additional limitations exist on specific silicon revi-
sions identified by the following trace codes:
– ST92F124 Gxxxxxxxx1
or 1 ST92F124 xxxxx VG
– ST92F150 AxxxxxxxxZ
– ST92F150 AxxxxxxxxY
or Y ST92F150 xxxxx VA
– ST92F250 AxxxxxxxxA
or A ST92F250 xxxxx VA
Please contact your nearest sales office for further
information.
Table 74. List of limitations
13.1 FLASH ERASE SUSPEND LIMITATIONS
13.1.1 Description
In normal operation, the FSUSP bit (bit 2 in the
FCR register) must be set to suspend the current
Sector Erase operation in Flash memory in order
to access a sector not being erased. The Flash
sector erase operation is done in 3 different steps:
1. Program all addresses to 0 on selected sectors
2. Erase and erase verify
3. Reprogramming
If the erase suspend is performed during Steps 1
and 2, the flash works correctly. If the erase sus-
pend is performed during Step 3, the PGER bit (bit
6 in the FESR1 register) is set although no pro-
gram error occurred.
13.1.2 Workaround
After a Sector Erase suspend operation, the soft-
ware must check the status register to detect if an
erase error occurred (the corresponding sector
must be discarded). Then the software must reset
the FEERR bit. This automatically resets the flash
status register.
Whatever the state of the PGER bit at the end of
the erase operation, it will not impact the applica-
tion and an erase error is still detected.
Section
Limitation
Section 13.1
“FLASH ERASE SUSPEND LIMITATIONS
Section 13.2
“FLASH CORRUPTION WHEN EXITING STOP MODE
Section 13.3
“I2C LIMITATIONS
Section 13.4
“SCI-A AND CAN INTERRUPTS
Section 13.5
“SCI-A MUTE MODE
Section 13.6
“CAN FIFO CORRUPTION WHEN 2 FIFO MESSAGES ARE PENDING
Section 13.7
“MFT DMA MASK BIT RESET WHEN MFT0 DMA PRIORITY LEVEL IS SET TO 0
Section 13.8
“EMULATION CHIP LIMITATIONS
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com