Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQFP100 Datasheet(PDF) 340 Page - STMicroelectronics

Part # PQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PQFP100 Datasheet(HTML) 340 Page - STMicroelectronics

Back Button PQFP100 Datasheet HTML 336Page - STMicroelectronics PQFP100 Datasheet HTML 337Page - STMicroelectronics PQFP100 Datasheet HTML 338Page - STMicroelectronics PQFP100 Datasheet HTML 339Page - STMicroelectronics PQFP100 Datasheet HTML 340Page - STMicroelectronics PQFP100 Datasheet HTML 341Page - STMicroelectronics PQFP100 Datasheet HTML 342Page - STMicroelectronics PQFP100 Datasheet HTML 343Page - STMicroelectronics PQFP100 Datasheet HTML 344Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 429 page
background image
340/429
CONTROLLER AREA NETWORK (bxCAN)
CONTROLLER AREA NETWORK (Cont’d)
Figure 153. CAN Frames
Data Frame or
Remote Frame
Data Field
8 * N
Control Field
6
Arbitration Field
12
CRC Field
16
Ack Field
7
ID
DLC
CRC
Data Frame (Standard identifier)
44 + 8 * N
Arbitration Field
12
ID
DLC
Remote Frame
44
CRC Field
16
7
CRC
Control Field
6
Overload Flag
6
Overload Delimiter
8
Overload Frame
Error Flag
6
Error Delimiter
8
Error Frame
Flag Echo
≤ 6
Bus Idle
Inter-Frame Space
Suspend
8
Intermission
3
Transmission
2
2
Inter-Frame Space
or Overload Frame
Inter-Frame Space
Inter-Frame Space
or Overload Frame
Inter-Frame Space
Inter-Frame Space
or Overload Frame
Notes:
• 0
<= N <= 8
• SOF = Start Of Frame
• ID = Identifier
• RTR = Remote Transmission Request
• IDE = Identifier Extension Bit
• r0 = Reserved Bit
• DLC = Data Length Code
• CRC = Cyclic Redundancy Code
• Error flag: 6 dominant bits if node is error
active else 6 recessive bits.
• Suspend transmission: applies to error
passive nodes only.
• EOF = End of Frame
• ACK = Acknowledge bit
Data Frame or
Remote Frame
Any Frame
Inter-Frame Space
or Error Frame
End Of Frame or
Error Delimiter or
Overload Delimiter
Ack Field
End Of Frame
EOF
Data Field
8 * N
Ctrl Field
6
12
CRC Field
16
Ack Field
7
ID
DLC
CRC
Data Frame (Extended Identifier)
64 + 8 * N
2
Inter-Frame Space
or Overload Frame
Inter-Frame Space
EOF
Std Arbitr. Field
20
Ext Arbitr. Field
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com