Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQFP100 Datasheet(PDF) 343 Page - STMicroelectronics

Part # PQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PQFP100 Datasheet(HTML) 343 Page - STMicroelectronics

Back Button PQFP100 Datasheet HTML 339Page - STMicroelectronics PQFP100 Datasheet HTML 340Page - STMicroelectronics PQFP100 Datasheet HTML 341Page - STMicroelectronics PQFP100 Datasheet HTML 342Page - STMicroelectronics PQFP100 Datasheet HTML 343Page - STMicroelectronics PQFP100 Datasheet HTML 344Page - STMicroelectronics PQFP100 Datasheet HTML 345Page - STMicroelectronics PQFP100 Datasheet HTML 346Page - STMicroelectronics PQFP100 Datasheet HTML 347Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 429 page
background image
343/429
CONTROLLER AREA NETWORK (bxCAN)
CONTROLLER AREA NETWORK (Cont’d)
10.10.8 Register Description
10.10.8.1 Control and Status Registers
CAN MASTER CONTROL REGISTER (CMCR)
Reset Value: 0000 0010 (02h)
Bit 7 = TTCM Time Triggered Communication
Mode
- Read/Set/Clear
0: Time Triggered Communication mode disabled.
1: Time Triggered Communication mode enabled
Note: For more information on Time Triggered
Communication mode, please refer to Section
10.10.5.2 Time Triggered Communication Mode.
Bit 6 = ABOM Automatic Bus-Off Management
- Read/Set/Clear
This bit controls the behaviour of the CAN hard-
ware on leaving the Bus-Off state.
0: The Bus-Off state is left on software request,
once 128 x 11 recessive bits have been moni-
tored and the software has first set and cleared
the INRQ bit of the CMCR register.
1: The Bus-Off state is left automatically by hard-
ware once 128 x 11 recessive bits have been
monitored.
For detailed information on the Bus-Off state
please refer to Section 10.10.5.6 Error Manage-
ment.
Bit 5 = AWUM Automatic Wake-Up Mode
- Read/Set/Clear
This bit controls the behaviour of the CAN hard-
ware on message reception during sleep mode.
0: The sleep mode is left on software request by
clearing the SLEEP bit of the CMCR register.
1: The sleep mode is left automatically by hard-
ware on CAN message detection. The SLEEP
bit of the CMCR register and the SLAK bit of the
CMSR register are cleared by hardware.
Bit 4 = NART No Automatic Retransmission
- Read/Set/Clear
0: The CAN hardware will automatically retransmit
the message until it has been successfully
transmitted according to the CAN standard.
1: A message will be transmitted only once, inde-
pendently of the transmission result (successful,
error or arbitration lost).
Bit 3 = RFLM Receive FIFO Locked Mode
- Read/Set/Clear
0: Receive FIFO not locked on overrun. Once a re-
ceive FIFO is full the next incoming message
will overwrite the previous one.
1: Receive FIFO locked against overrun. Once a
receive FIFO is full the next incoming message
will be discarded.
Bit 2 = TXFP Transmit FIFO Priority
- Read/Set/Clear
This bit controls the transmission order when sev-
eral mailboxes are pending at the same time.
0: Priority driven by the identifier of the message
1: Priority driven by the request order (chronologi-
cally)
Bit 1 = SLEEP Sleep Mode Request
- Read/Set/Clear
This bit is set by software to request the CAN hard-
ware to enter the sleep mode. Sleep mode will be
entered as soon as the current CAN activity (trans-
mission or reception of a CAN frame) has been
completed.
This bit is cleared by software to exit sleep mode.
This bit is cleared by hardware when the AWUM
bit is set and a SOF bit is detected on the CAN Rx
signal.
Bit 0 = INRQ Initialization Request
- Read/Set/Clear
The software clears this bit to switch the hardware
into normal mode. Once 11 consecutive recessive
bits have been monitored on the Rx signal the
CAN hardware is synchronized and ready for
transmission and reception. Hardware signals this
event by clearing the INAK bit if the CMSR regis-
ter.
Software sets this bit to request the CAN hardware
to enter initialization mode. Once software has set
the INRQ bit, the CAN hardware waits until the
current CAN activity (transmission or reception) is
completed before entering the initialization mode.
Hardware signals this event by setting the INAK bit
in the CMSR register.
70
TTCM ABOM AWUM NART
RFLM
TXFP SLEEP INRQ
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com