Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQFP100 Datasheet(PDF) 350 Page - STMicroelectronics

Part # PQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PQFP100 Datasheet(HTML) 350 Page - STMicroelectronics

Back Button PQFP100 Datasheet HTML 346Page - STMicroelectronics PQFP100 Datasheet HTML 347Page - STMicroelectronics PQFP100 Datasheet HTML 348Page - STMicroelectronics PQFP100 Datasheet HTML 349Page - STMicroelectronics PQFP100 Datasheet HTML 350Page - STMicroelectronics PQFP100 Datasheet HTML 351Page - STMicroelectronics PQFP100 Datasheet HTML 352Page - STMicroelectronics PQFP100 Datasheet HTML 353Page - STMicroelectronics PQFP100 Datasheet HTML 354Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 429 page
background image
350/429
CONTROLLER AREA NETWORK (bxCAN)
CONTROLLER AREA NETWORK (Cont’d)
10.10.8.2 Mailbox Registers
This chapter describes the registers of the transmit
and receive mailboxes. Refer to Section 10.10.5.5
Message Storage for detailed register mapping.
Transmit and receive mailboxes have the same
registers except:
– MCSR register in a transmit mailbox is replaced
by MFMI register in a receive mailbox.
– A receive mailbox is always write protected.
– A transmit mailbox is write enable only while
empty, corresponding TME bit in the CTPR reg-
ister set.
MAILBOX CONTROL STATUS REGISTER
(MCSR)
Read / Write
Reset Value: 0000 0000 (00h)
Bit 7:6 = Reserved. Forced to 0 by hardware.
Bit 5 = TERR Transmission Error
- Read/Clear
This bit is updated by hardware after each trans-
mission attempt.
0: The previous transmission was successful
1: The previous transmission failed due to an error
Bit 4 = ALST Arbitration Lost
- Read/Clear
This bit is updated by hardware after each trans-
mission attempt.
0: The previous transmission was successful
1: The previous transmission failed due to an arbi-
tration lost
Bit 3 = TXOK Transmission OK
- Read/Clear
The hardware updates this bit after each transmis-
sion attempt.
0: The previous transmission failed
1: The previous transmission was successful
Note: This bit has the same value as the corre-
sponding TXOKx bit in the CTSR register.
Bit 2 = RQCP Request Completed
- Read/Clear
Set by hardware when the last request (transmit or
abort) has been performed.
Cleared by software writing a “1” or by hardware
on transmission request.
Note: This bit has the same value as the corre-
sponding RQCPx bit of the CTSR register.
Clearing this bit clears all the status bits (TX-
OK, ALST and TERR) in the MCSR register and
the RQCP and TXOK bits in the CTSR register.
Bit 1 = ABRQ Abort Request for Mailbox
- Read/Set
Set by software to abort the transmission request
for the corresponding mailbox.
Cleared by hardware when the mailbox becomes
empty.
Setting this bit has no effect when the mailbox is
not pending for transmission.
Bit 0 = TXRQ Transmit Mailbox Request
- Read/Set
Set by software to request the transmission for the
corresponding mailbox.
Cleared by hardware when the mailbox becomes
empty.
Note: This register is implemented only in transmit
mailboxes. In receive mailboxes, the MFMI regis-
ter is mapped at this location.
70
0
0
TERR
ALST
TXOK RQCP ABRQ TXRQ
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com