Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQFP100 Datasheet(PDF) 352 Page - STMicroelectronics

Part # PQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PQFP100 Datasheet(HTML) 352 Page - STMicroelectronics

Back Button PQFP100 Datasheet HTML 348Page - STMicroelectronics PQFP100 Datasheet HTML 349Page - STMicroelectronics PQFP100 Datasheet HTML 350Page - STMicroelectronics PQFP100 Datasheet HTML 351Page - STMicroelectronics PQFP100 Datasheet HTML 352Page - STMicroelectronics PQFP100 Datasheet HTML 353Page - STMicroelectronics PQFP100 Datasheet HTML 354Page - STMicroelectronics PQFP100 Datasheet HTML 355Page - STMicroelectronics PQFP100 Datasheet HTML 356Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 429 page
background image
352/429
CONTROLLER AREA NETWORK (bxCAN)
CONTROLLER AREA NETWORK (Cont’d)
MAILBOX DATA LENGTH CONTROL REGIS-
TER (MDLC)
All bits of this register is write protected when the
mailbox is not in empty state.
Read / Write
Reset Value: xxxx xxxx (xxh)
Bit 7 = TGT Transmit Global Time
This bit is active only when the hardware is in the
Time Trigger Communication mode, TTCM bit of
the CCR register is set.
0: MTSRH and MTSRL registers are not sent.
1: MTSRH and MTSRL registers are sent in the
last two data bytes of the message.
6:4 = Reserved. Forced to 0 by hardware.
Bit 3:0 = DLC[3:0] Data Length Code
This field defines the number of data bytes a data
frame contains or a remote frame request.
MAILBOX DATA REGISTERS (MDAR[7:0])
All bits of this register are write protected when the
mailbox is not in empty state.
Read / Write
Reset Value: xxxx xxxx (xxh)
Bit 7:0 = DATA[7:0] Data
A data byte of the message. A message can con-
tain from 0 to 8 data bytes.
MAILBOX TIME STAMP LOW REGISTER
(MTSLR)
Read / Write
Reset Value: xxxx xxxx (xxh)
Bit 7:0 = TIME[7:0] Message Time Stamp Low
This fields contains the low byte of the 16-bit timer
value captured at the SOF detection.
MAILBOX TIME STAMP HIGH REGISTER
(MTSHR)
Read / Write
Reset Value: xxxx xxxx (xxh)
Bit 7:0 = TIME[15:8] Message Time Stamp High
This field contains the high byte of the 16-bit timer
value captured at the SOF detection.
70
TGT
0
0
0
DLC3
DLC2
DLC1
DLC0
70
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
70
TIME7
TIME6
TIME5
TIME4
TIME3
TIME2
TIME1
TIME0
70
TIME15 TIME14 TIME13 TIME12 TIME11 TIME10
TIME9
TIME8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com