Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQFP100 Datasheet(PDF) 356 Page - STMicroelectronics

Part # PQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PQFP100 Datasheet(HTML) 356 Page - STMicroelectronics

Back Button PQFP100 Datasheet HTML 352Page - STMicroelectronics PQFP100 Datasheet HTML 353Page - STMicroelectronics PQFP100 Datasheet HTML 354Page - STMicroelectronics PQFP100 Datasheet HTML 355Page - STMicroelectronics PQFP100 Datasheet HTML 356Page - STMicroelectronics PQFP100 Datasheet HTML 357Page - STMicroelectronics PQFP100 Datasheet HTML 358Page - STMicroelectronics PQFP100 Datasheet HTML 359Page - STMicroelectronics PQFP100 Datasheet HTML 360Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 429 page
background image
356/429
CONTROLLER AREA NETWORK (bxCAN)
CONTROLLER AREA NETWORK (Cont’d)
Bit 2 = FML1 Filter Mode Low
Mode of the low registers of filter 1.
0: Low registers are in mask mode
1: Low registers are in identifier list mode
Bit 1 = FMH0 Filter Mode High
Mode of the high registers of filter 0.
0: High registers are in mask mode
1: High registers are in identifier list mode
Bit 0 = FML0 Filter Mode Low
Mode of the low registers of filter 0.
0: Low registers are in mask mode
1: Low registers are in identifier list mode
FILTER x REGISTER[7:0] (CFxR[7:0])
Read / Write
Reset Value: xxxx xxxx (xxh)
In all configurations:
Bit 7:0 = FB[7:0] Filter Bits
Identifier
Each bit of the register specifies the level of the
corresponding bit of the expected identifier.
0: Dominant bit is expected
1: Recessive bit is expected
Mask
Each bit of the register specifies whether the bit of
the associated identifier register must match with
the corresponding bit of the expected identifier or
not.
0: Don’t care, the bit is not used for the comparison
1: Must match, the bit of the incoming identifier
must have the same level has specified in the
corresponding identifier register of the filter.
Note: Each filter x is composed of 8 registers,
CFxR[7:0]. Depending on the scale and mode
configuration of the filter the function of each reg-
ister can differ. For the filter mapping, functions
description and mask registers association, refer
to Section 10.10.5.4Identifier Filtering.
A Mask/Identifier register in mask mode has the
same bit mapping as in identifier list mode.
Note: To modify these registers, the correspond-
ing FACT bit in the CFCR register must be
cleared.
70
FB7FB6
FB5FB4
FB3FB2
FB1FB0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com