Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276 Datasheet(PDF) 54 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ST10F276 Datasheet HTML 50Page - STMicroelectronics ST10F276 Datasheet HTML 51Page - STMicroelectronics ST10F276 Datasheet HTML 52Page - STMicroelectronics ST10F276 Datasheet HTML 53Page - STMicroelectronics ST10F276 Datasheet HTML 54Page - STMicroelectronics ST10F276 Datasheet HTML 55Page - STMicroelectronics ST10F276 Datasheet HTML 56Page - STMicroelectronics ST10F276 Datasheet HTML 57Page - STMicroelectronics ST10F276 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 229 page
background image
Bootstrap loader
ST10F276
54/229
Figure 9.
UART bootstrap loader sequence
5.3.2
Entering bootstrap via UART
The ST10F276 enters BSL mode if pin P0L.4 is sampled low at the end of a hardware reset.
In this case, the built-in bootstrap loader is activated independently of the selected bus
mode. The bootstrap loader code is stored in a special Test-Flash; no part of the standard
mask ROM or Flash memory area is required for this.
After entering BSL mode and the respective initialization, the ST10F276 scans the RxD0
line to receive a zero byte, that is, 1 start bit, eight ‘0’ data bits and 1 stop bit. From the
duration of this zero byte, it calculates the corresponding baud rate factor with respect to the
current CPU clock, initializes the serial interface ASC0 accordingly and switches pin TxD0 to
output. Using this baud rate, an acknowledge byte is returned to the host that provides the
loaded data.
The acknowledge byte is D5h for the ST10F276.
RSTIN
TxD0
Int. Boot ROM / Test-Flash BSL-routine
32 bytes
2)
3)
RxD0
CSP:IP
user software
4)
6)
P0L.4
1) BSL initialization time, > 1ms @ fCPU = 40 MHz.
2) Zero byte (1 start bit, eight ‘0’ data bits, 1 stop bit), sent by host.
3) Acknowledge byte, sent by ST10F276.
4) 32 bytes of code / data, sent by host.
5) Caution: TxD0 is only driven a certain time after reception of the zero byte (1.3ms @ fCPU = 40 MHz).
6) Internal Boot ROM / Test-Flash.
1)
5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com