Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST10F276 Datasheet HTML 33Page - STMicroelectronics ST10F276 Datasheet HTML 34Page - STMicroelectronics ST10F276 Datasheet HTML 35Page - STMicroelectronics ST10F276 Datasheet HTML 36Page - STMicroelectronics ST10F276 Datasheet HTML 37Page - STMicroelectronics ST10F276 Datasheet HTML 38Page - STMicroelectronics ST10F276 Datasheet HTML 39Page - STMicroelectronics ST10F276 Datasheet HTML 40Page - STMicroelectronics ST10F276 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 229 page
background image
ST10F276
Internal Flash memory
37/229
4.5
Protection strategy
The protection bits are stored in Non Volatile Flash cells inside XFLASH module, that are
read once at reset and stored in 7 Volatile registers. Before they are read from the Non
Volatile cells, all the available protections are forced active during reset.
The protections can be programmed using the Set Protection operation (see Flash Control
Registers paragraph), that can be executed from all the internal or external memories
except from the Flash Bank B2.
Two kind of protections are available: write protections to avoid unwanted writings and
access protections to avoid piracy. In next paragraphs all different level of protections are
shown, and architecture limitations are highlighted as well.
4.5.1
Protection registers
The 7 Non Volatile Protection Registers are one time programmable for the user.
Four registers (FNVWPXRL/H-FNVWPIRL/H) are used to store the Write Protection fuses
respectively for each sector of the XFLASH Module (see X) and IFLASH module (see I). The
other three Registers (FNVAPR0 and FNVAPR1L/H) are used to store the Access
Protection fuses (common to both Flash modules even though with some limitations).
4.5.2
Flash non volatile write protection X register low
FNVWPXRL (0x0E DFB0)
NVR
Delivery value: FFFFh
15
14
13
12
11
10
987
65432
10
W2PPR
reserved
W2P2W2P1W2P0
RW
RW
RW
RW
Table 19.
Flash non volatile write protection X register low
Bit
Function
W2P(2:0)
Write Protection Bank 2 sectors 2-0 (XFLASH)
These bits, if programmed at 0, disable any write access to the sectors of Bank 2
(XFLASH).
W2PPR
Write Protection Bank 2 Non Volatile cells
This bit, if programmed at 0, disables any write access to the Non Volatile cells of Bank
2. Since these Non Volatile cells are dedicated to Protection registers, once W2PPR
bit is set, the configuration of protection setting is frozen, and can only be modified
executing a Temporary Write Unprotection operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com