Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276 Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST10F276 Datasheet HTML 34Page - STMicroelectronics ST10F276 Datasheet HTML 35Page - STMicroelectronics ST10F276 Datasheet HTML 36Page - STMicroelectronics ST10F276 Datasheet HTML 37Page - STMicroelectronics ST10F276 Datasheet HTML 38Page - STMicroelectronics ST10F276 Datasheet HTML 39Page - STMicroelectronics ST10F276 Datasheet HTML 40Page - STMicroelectronics ST10F276 Datasheet HTML 41Page - STMicroelectronics ST10F276 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 229 page
background image
Internal Flash memory
ST10F276
38/229
4.5.3
Flash non volatile write protection X register high
4.5.4
Flash non volatile write protection I register low
4.5.5
Flash non volatile write protection I register high
FNVWPXRH (0x0E DF B2)
NVR
Delivery value:
FFFFh
15
14
13
12
11
10
987
65432
10
reserved
W3P1W3P0
RW
RW
Table 20.
Flash non volatile write protection X register high
Bit
Function
W3P(1:0)
Write Protection Bank 3 / Sectors 1-0 (XFLASH)
These bits, if programmed at 0, disable any write access to the sectors of Bank 3
(XFLASH).
FNVWPIRL (0x0E DFB4)
NVR
Delivery value:
FFFFh
15
14
13
12
11
10
987
65432
10
reserved
W0P9W0P8W0P7W0P6W0P5W0P4W0P3W0P2W0P1W0P0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 21.
Flash non volatile write protection I register low
Bit
Function
W0P(9:0)
Write Protection Bank 0 / Sectors 9-0 (IFLASH)
These bits, if programmed at 0, disable any write access to the sectors of Bank 0
(IFLASH).
FNVWPIRH (0x0E DFB6)
NVR
Delivery value: FFFFh
15
14
13
12
11
10
987
65432
10
reserved
W1P1W1P0
RW
RW
Table 22.
Flash non volatile write protection I register high
Bit
Function
W1P(1:0)
Write Protection Bank 1 / Sectors 1-0 (IFLASH)
These bits, if programmed at 0, disable any write access to the sectors of Bank 1
(IFLASH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com