Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276 Datasheet(PDF) 136 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button ST10F276 Datasheet HTML 132Page - STMicroelectronics ST10F276 Datasheet HTML 133Page - STMicroelectronics ST10F276 Datasheet HTML 134Page - STMicroelectronics ST10F276 Datasheet HTML 135Page - STMicroelectronics ST10F276 Datasheet HTML 136Page - STMicroelectronics ST10F276 Datasheet HTML 137Page - STMicroelectronics ST10F276 Datasheet HTML 138Page - STMicroelectronics ST10F276 Datasheet HTML 139Page - STMicroelectronics ST10F276 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 229 page
background image
Register set
ST10F276
136/229
22
Register set
This section summarizes all registers implemented in the ST10F276 and explains the
description format used in the chapters to describe the function and layout of the SFRs.
For easy reference, the registers (except for GPRs) are sorted in two ways:
–
Sorted by address, to check which register is referenced by a given address.
–
Sorted by register name, to find the location of a specific register.
22.1
Register description format
Throughout the document, the function and the layout of the different registers is described
in a specific format. The example below explains this format.
A word register is displayed as:
A byte register is displayed as:
Elements:
REG_NAME (A16h / A8h)
SFR/ESFR/XBUS
Reset value: ****h:
15
14
13
12
11
10
987
65432
10
res.
res.
res.
res.
res.
write
only
hw
bit
read
only
std
bit
hw
bit
bitfield
bitfield
W
RW
R
RW
RW
RW
RW
Table 64.
Description
Bit
Function
Bit(field) name
Explanation of bit(field) name
Description of the functions controlled by this bit(field).
REG_NAME (A16h / A8h)
SFR/ESFR/XBUS
Reset value: - - **h:
15
14
13
12
11
10
987
65432
10
---
-----
std bit hw bit
bit field
bit field
RW
RW
RW
RW
REG_NAME
This register’s name
A16h / A8h
Long 16-bit address / Short 8-bit address
SFR/ESFR/XBUS
Register space (SFR, ESFR or XBUS Register)
(* *) * *
Register contents after reset
0/1: defined
X’: undefined (undefined (’X’) after power up)
U’: unchanged
hwbit
Bit that is set/cleared by hardware is written in bold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com