Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276 Datasheet(PDF) 144 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button ST10F276 Datasheet HTML 140Page - STMicroelectronics ST10F276 Datasheet HTML 141Page - STMicroelectronics ST10F276 Datasheet HTML 142Page - STMicroelectronics ST10F276 Datasheet HTML 143Page - STMicroelectronics ST10F276 Datasheet HTML 144Page - STMicroelectronics ST10F276 Datasheet HTML 145Page - STMicroelectronics ST10F276 Datasheet HTML 146Page - STMicroelectronics ST10F276 Datasheet HTML 147Page - STMicroelectronics ST10F276 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 229 page
background image
Register set
ST10F276
144/229
PWMCON1 b FF32h
99h
PWM module control register 1
0000h
PWMIC b
F17Eh E
BFh
PWM Module interrupt control register
- - 00h
QR0
F004h
E
02h
MAC unit offset register R0
0000h
QR1
F006h
E
03h
MAC unit offset register R1
0000h
QX0
F000h
E
00h
MAC unit Offset Register X0
0000h
QX1
F002h
E
01h
MAC unit offset register X1
0000h
RP0H
b
F108h
E
84h
System start-up configuration register (read-only)
- - XXh
S0BG
FEB4h
5Ah
Serial channel 0 baud rate generator reload register 0000h
S0CON b
FFB0h
D8h
Serial channel 0 control register
0000h
S0EIC b
FF70h
B8h
Serial channel 0 error interrupt control register
- - 00h
S0RBUF
FEB2h
59h
Serial channel 0 receive buffer register (read-only)
- - XXh
S0RIC b
FF6Eh
B7h
Serial channel 0 receive interrupt control register
- - 00h
S0TBIC b
F19Ch E
CEh
Serial channel 0 transmit buffer interrupt control
register
- - 00h
S0TBUF
FEB0h
58h
Serial channel 0 transmit buffer register (write-only)
0000h
S0TIC b
FF6Ch
B6h
Serial channel 0 transmit interrupt control register
- - 00h
SP
FE12h
09h
CPU system stack pointer register
FC00h
SSCBR
F0B4h E
5Ah
SSC baud rate register
0000h
SSCCON b
FFB2h
D9h
SSC control register
0000h
SSCEIC b
FF76h
BBh
SSC error interrupt control register
- - 00h
SSCRB
F0B2h E
59h
SSC receive buffer (read-only)
XXXXh
SSCRIC b
FF74h
BAh
SSC receive interrupt control register
- - 00h
SSCTB
F0B0h E
58h
SSC transmit buffer (write-only)
0000h
SSCTIC b
FF72h
B9h
SSC transmit interrupt control register
- - 00h
STKOV
FE14h
0Ah
CPU stack overflow pointer register
FA00h
STKUN
FE16h
0Bh
CPU stack underflow pointer register
FC00h
SYSCON b
FF12h
89h
CPU system configuration register
0xx0h
T0
FE50h
28h
CAPCOM timer 0 register
0000h
T01CON b
FF50h
A8h
CAPCOM timer 0 and timer 1 control register
0000h
T0IC b
FF9Ch
CEh
CAPCOM timer 0 interrupt control register
- - 00h
T0REL
FE54h
2Ah
CAPCOM timer 0 reload register
0000h
T1
FE52h
29h
CAPCOM timer 1 register
0000h
T1IC b
FF9Eh
CFh
CAPCOM timer 1 interrupt control register
- - 00h
T1REL
FE56h
2Bh
CAPCOM timer 1 reload register
0000h
Table 67.
Special function registers ordered by address (continued)
Name
Physical
address
8-bit
address
Description
Reset
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com