Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276 Datasheet(PDF) 198 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 198 Page - STMicroelectronics

Back Button ST10F276 Datasheet HTML 194Page - STMicroelectronics ST10F276 Datasheet HTML 195Page - STMicroelectronics ST10F276 Datasheet HTML 196Page - STMicroelectronics ST10F276 Datasheet HTML 197Page - STMicroelectronics ST10F276 Datasheet HTML 198Page - STMicroelectronics ST10F276 Datasheet HTML 199Page - STMicroelectronics ST10F276 Datasheet HTML 200Page - STMicroelectronics ST10F276 Datasheet HTML 201Page - STMicroelectronics ST10F276 Datasheet HTML 202Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 229 page
background image
Electrical characteristics
ST10F276
198/229
Due to this adaptation to the input clock, the frequency of fCPU is constantly adjusted so it is
locked to fXTAL. The slight variation causes a jitter of fCPU which also effects the duration of
individual TCLs.
The timings listed in the AC Characteristics that refer to TCLs therefore must be calculated
using the minimum TCL that is possible under the respective circumstances.
The real minimum value for TCL depends on the jitter of the PLL. The PLL tunes fCPU to
keep it locked on fXTAL. The relative deviation of TCL is the maximum when it is referred to
one TCL period.
This is especially important for bus cycles using wait states and e.g. for the operation of timers,
serial interfaces, etc. For all slower operations and longer periods (such as, for example, pulse
train generation or measurement, lower baud rates) the deviation caused by the PLL jitter is
negligible. Refer to next Section 23.8.9: PLL Jitter for more details.
23.8.8
Voltage controlled oscillator
The ST10F276 implements a PLL which combines different levels of frequency dividers with
a Voltage Controlled Oscillator (VCO) working as frequency multiplier. The following table
presents a detailed summary of the internal settings and VCO frequency.
The PLL input frequency range is limited to 1 to 3.5 MHz, while the VCO oscillation range is
64 to 128 MHz. The CPU clock frequency range when PLL is used is 16 to 64 MHz.
Example 1
–FXTAL = 4 MHz
–
P0(15:13) = ‘110’ (multiplication by 3)
–
PLL input frequency = 1 MHz
–
VCO frequency = 48 MHz
–
PLL output frequency = 12 MHz
(VCO frequency divided by 4)
–FCPU = 12 MHz (no effect of output prescaler)
Table 96.
Internal PLL divider mechanism
P0.15-13
(P0H.7-5)
XTAL
frequency
Input
prescaler
PLL
Output
prescaler
CPU frequency
fCPU = fXTAL x F
Multiply by
Divide by
11
14 to 8 MHz
FXTAL / 4
64
4
–
FXTAL x 4
11
0
5.3 to
10.6 MHz
FXTAL / 4
48
4
–
FXTAL x 3
10
14 to 8 MHz
FXTAL / 4
64
2
–
FXTAL x 8
10
06.4 to 12 MHz FXTAL / 4
40
2
–
FXTAL x 5
01
11 to 64 MHz
–
PLL bypassed
–
FXTAL x 1
01
04 to 6.4 MHz
FXTAL / 2
40
2
–
FXTAL x 10
0
0
1
4 to 12 MHz
–
PLL bypassed
FPLL / 2
FXTAL / 2
00
04 MHz
FXTAL / 2
64
2
–
FXTAL x 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com