Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276 Datasheet(PDF) 222 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 222 Page - STMicroelectronics

Back Button ST10F276 Datasheet HTML 218Page - STMicroelectronics ST10F276 Datasheet HTML 219Page - STMicroelectronics ST10F276 Datasheet HTML 220Page - STMicroelectronics ST10F276 Datasheet HTML 221Page - STMicroelectronics ST10F276 Datasheet HTML 222Page - STMicroelectronics ST10F276 Datasheet HTML 223Page - STMicroelectronics ST10F276 Datasheet HTML 224Page - STMicroelectronics ST10F276 Datasheet HTML 225Page - STMicroelectronics ST10F276 Datasheet HTML 226Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 229 page
background image
Electrical characteristics
ST10F276
222/229
23.8.22
High-speed synchronous serial interface (SSC) timing modes
Master mode
VDD = 5V ±10%, VSS = 0V, TA = -40 to +125°C, CL = 50pF
Table 108.
Master mode
Symbol
Parameter
Max. baud rate
6.6MBd (1) @FCPU =
40 MHz
(<SSCBR> = 0002h)
1.
Maximum baud rate is in reality 8Mbaud, that can be reached with 64 MHz CPU clock and <SSCBR> set to
‘3h’, or with 48 MHz CPU clock and <SSCBR> set to ‘2h’. When 40 MHz CPU clock is used the maximum
baud rate cannot be higher than 6.6Mbaud (<SSCBR> = ‘2h’) due to the limited granularity of <SSCBR>.
Value ‘1h’ for <SSCBR> may be used only with CPU clock equal to (or lower than) 32 MHz (after checking
that timings are in line with the target slave).
Variable baud rate
(<SSCBR> = 0001h -
FFFFh)
Unit
Min.
Max.
Min.
Max.
t300
CC
SSC clock cycle time(2)
2.
Formula for SSC Clock Cycle time:
t300 = 4 TCL x (<SSCBR> + 1)
Where <SSCBR> represents the content of the SSC baud rate register, taken as unsigned 16-bit integer.
Minimum limit allowed for t300 is 125ns (corresponding to 8Mbaud)
150
150
8TCL
262144 TCL
ns
t301
CC
SSC clock high time
63
–
t300 / 2 – 12
–
t302
CC
SSC clock low time
t303
CC
SSC clock rise time
–
10
–
10
t304
CC
SSC clock fall time
t305
CC
Write data valid after shift
edge
15
15
t306
CC
Write data hold after shift
edge 3
– 2
–
– 2
–
t307p
SR
Read data setup time
before latch edge, phase
error detection on
(SSCPEN = 1)
37.5
2TCL + 12.5
t308p
SR
Read data hold time after
latch edge, phase error
detection on (SSCPEN = 1)
50
4TCL
t307
SR
Read data setup time
before latch edge, phase
error detection off
(SSCPEN = 0)
25
2TCL
t308
SR
Read data hold time after
latch edge, phase error
detection off (SSCPEN = 0)
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com