Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5001 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF5001
Description  POCSAG Paging Decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5001 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF5001 Datasheet HTML 4Page - NXP Semiconductors PCF5001 Datasheet HTML 5Page - NXP Semiconductors PCF5001 Datasheet HTML 6Page - NXP Semiconductors PCF5001 Datasheet HTML 7Page - NXP Semiconductors PCF5001 Datasheet HTML 8Page - NXP Semiconductors PCF5001 Datasheet HTML 9Page - NXP Semiconductors PCF5001 Datasheet HTML 10Page - NXP Semiconductors PCF5001 Datasheet HTML 11Page - NXP Semiconductors PCF5001 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
1997 Mar 04
8
Philips Semiconductors
Product specification
POCSAG Paging Decoder
PCF5001
BL
24
8
Battery-low indication output. If the decoder encounters a battery-low
condition a battery-low output latch is set HIGH. The battery-low output
latch may be tested for a battery-low condition, whenever the interface
enable input (IE) is active (HIGH), otherwise the battery-low output is
made high-impedance. The battery-low output latch is reset only, by
switching the decoder to OFF status.
OR
25
9
Out-of-range indication output. Whenever the decoder detects an
out-of-range condition an out-of-range output latch is set HIGH after expiry
of the programmed out-of-range hold-off time selected by means of
special programming (SPF06 and SPF07) of the EEPROM. The
out-of-range latch may be tested for an out-of-range condition, whenever
the interface enable input (IE) is active (HIGH), otherwise the out-of-range
output is made high-impedance. The out-of- range output is reset by
detection of a valid data transmission or by switching the decoder to OFF
status.
DO
26
10
Serial interface data output. During normal decoder operation, accepted
calls and possibly subsequent message data are serially output via this pin
in conjunction with the data strobe output (DS). This pin is also used to
output the EEPROM contents upon special command, if the decoder is
programmed for display pager.
DS
27
11
Serial interface data strobe output. Provides a clock signal for the received
call data and EEPROM data appearing at the data output (DO). Each time
this output is LOW the data at DO is valid. Additional start and stop
conditions allow easy identification of data sequence start and end.
FL
28
12
Frequency reference output. When programmed for ‘display pager’ mode,
this output provides a clock reference with 16384 or 32768 Hz per
second, selected by SPF32. See Chapter 7.
n.c.
−
2, 7, 20, 21
Not connected.
SYMBOL
PIN
DESCRIPTION
PCF5001T
(SOT136-1)
PCF5001H
(SOT358-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com