Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5001 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCF5001
Description  POCSAG Paging Decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5001 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCF5001 Datasheet HTML 22Page - NXP Semiconductors PCF5001 Datasheet HTML 23Page - NXP Semiconductors PCF5001 Datasheet HTML 24Page - NXP Semiconductors PCF5001 Datasheet HTML 25Page - NXP Semiconductors PCF5001 Datasheet HTML 26Page - NXP Semiconductors PCF5001 Datasheet HTML 27Page - NXP Semiconductors PCF5001 Datasheet HTML 28Page - NXP Semiconductors PCF5001 Datasheet HTML 29Page - NXP Semiconductors PCF5001 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
1997 Mar 04
26
Philips Semiconductors
Product specification
POCSAG Paging Decoder
PCF5001
7.19
EEPROM Write operation
The program mode is entered in OFF status by setting the
PD input LOW and the PS input HIGH at any time.
The ‘program’ mode is left and normal operation resumed
by either removing the power supply or setting the PD
input HIGH after the 38th data bit while continuing to clock
the PS input. The three EEPROM arrays can be
programmed in any order. Selection of array is made
during the second and third pulse on the PS input.
The ‘program’ mode has to be left after programming of
each array.
After entering the ‘program’ mode, keeping input PD LOW
during the first pulse on PS selects Memory Write
operation. After selection of the current array an erase
cycle of duration tPEW has to be carried out, during which
the supply voltage at VSS input must be at least VPG.
Program data for the selected array is entered bit by bit
using PD as data input and the rising edge on PS as data
strobe pulse. See Fig.19 for timing during an EEPROM
write operation.
After the last bit a special write cycle of duration tPEW has
to be carried out again, during which the supply voltage at
VSS input must be VPG. During conditions when the supply
voltage is increased to VPG the maximum DC ratings at Vref
must not be exceeded. When the on-chip voltage
converter is enabled a voltage regulator diode or a
damping resistor of sufficiently low impedance has to be
connected between Vref and VSS to limit the voltage level
at Vref during program operation.
7.20
EEPROM Read operation
After entrance to the ‘program’ mode, keeping input PD
HIGH during the first pulse on PS selects Memory Read
operation. After selection of the current array the
programmed data is output bit-by-bit using PD as data
output. A positive edge on PS input switches to the next
bit. See Fig.19 for timing during an EEPROM read
operation.
7.21
Read-back operation via Microcontroller
Interface
In ‘display pager’ mode, the PCF5001 is capable of
delivering the EEPROM contents to an external
microcontroller using the serial interface outputs DO and
DS. The EEPROM data transfer mode is selected by
applying a LOW to input ON and a HIGH to input SK while
pulsing the SR input, and the interface is enabled (IE is
HIGH). The data transfer is started by a logic HIGH level
on SR. The HIGH level on SR must be removed before the
end of the tenth output byte, otherwise the transfer is
aborted and restarted. The minimum pulse duration
corresponds with tSPD in the status interrogation timing
(see Fig.7). The transfer is organized as 15-byte transfers.
The contents of each array are extended to 40 bits by
trailing zeros. The EEPROM data transfer starts with array
1, bit 0. A valid data bit at DO is indicated by a LOW-level
on DS as shown in Fig.20.
During EEPROM Read-back operation, the PCF5001
configuration and the outputs FL, OL are undefined.
After completion of the Read-Back operation, the
PCF5001 will re-enter the programmed configuration.
7.22
Voltage converter
The PCF5001 contains a switched capacitor-type on-chip
voltage converter, which can provide doubled supply
voltage to the external microcontroller and display control
devices. The microcontroller interface signals are level
shifted accordingly.
A capacitor of 100 nF (CS) must be connected between
pins CP and CN while a load capacitor of 10
µF is
connected to Vref as shown in Fig.23. The voltage
converter operates in ‘display pager’ mode only, when
enabled by programming SPF08 (see Table 9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com