Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5001 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF5001
Description  POCSAG Paging Decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5001 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF5001 Datasheet HTML 17Page - NXP Semiconductors PCF5001 Datasheet HTML 18Page - NXP Semiconductors PCF5001 Datasheet HTML 19Page - NXP Semiconductors PCF5001 Datasheet HTML 20Page - NXP Semiconductors PCF5001 Datasheet HTML 21Page - NXP Semiconductors PCF5001 Datasheet HTML 22Page - NXP Semiconductors PCF5001 Datasheet HTML 23Page - NXP Semiconductors PCF5001 Datasheet HTML 24Page - NXP Semiconductors PCF5001 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
1997 Mar 04
21
Philips Semiconductors
Product specification
POCSAG Paging Decoder
PCF5001
7.15
Serial communication call data format
Table 4
Address word format
Table 5
Message word format
Note
1. Bit 7 = 1, if message codeword could not be corrected.
Table 6
Termination word format
Note
1. Bit 7 = 1, if call termination on error.
FUNCTION CODE
CALL ADDRESS
BIT 4
SYNC STATUS
DUPLEX CALL
BIT 7
BIT 0 (LSB)
BIT 1 (MSB)
BIT 2
BIT 3
RIC
BIT 5
BIT 6
Bit 21 of
address
codeword
bit 20 of
address
codeword
0
0
A
1
0 = Data
Receive;
1 = Data fail
1 = Duplex Call
time-out active
0
01
B
10
C
11
D
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7(1)
LSB
message bits
MSB
error flag
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7(1)
0010000
error flag
7.16
Data conversion
The PCF5001 automatically converts message codewords
received in numeric or alphanumeric format into ASCII
format. Depending on SPF13 and the function bit setting in
the received address codeword a conversion takes place
as shown in Table 7.
When a conversion from alphanumeric format to ASCII
takes place, the received message codewords are split
into message blocks, seven bits in length. After adding the
error flag they are transferred as message words.
When a conversion from numeric format to ASCII takes
place, the received message codewords are split into
blocks, four bits in length. Each four bit block is converted
to a seven bit block as shown in Table 8. After adding the
error flag they are transferred as message words.
Table 7
Message data conversion
Note
1. X = don’t care.
SPF13
FUNCTION BITS
MESSAGE FORMAT
BIT 20 (MSB)
BIT 21 (LSB)
0X(1)
X(1)
numeric
1
0
0
numeric
1X(1)
1
alphanumeric
11
X(1)
alphanumeric



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com