Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF50732 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF50732
Description  Baseband and audio interface for GSM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF50732 Datasheet HTML 9Page - NXP Semiconductors PCF50732 Datasheet HTML 10Page - NXP Semiconductors PCF50732 Datasheet HTML 11Page - NXP Semiconductors PCF50732 Datasheet HTML 12Page - NXP Semiconductors PCF50732 Datasheet HTML 13Page - NXP Semiconductors PCF50732 Datasheet HTML 14Page - NXP Semiconductors PCF50732 Datasheet HTML 15Page - NXP Semiconductors PCF50732 Datasheet HTML 16Page - NXP Semiconductors PCF50732 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
1999 May 03
13
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
Fig.4 Power ramping timing characteristics (multislot mode).
(1) APE_DAC3: Analog Power Enable signal for the AUXDAC3.
handbook, full pagewidth
MGR995
trup
trim
trdo
RU
RM
RD
tru
AUXDAC3
TXON
APE_DAC3(1)
ADDRESS
AUXDAC3
RAM
0
15
15
31
31
47
15
47
47
31
47
tim
trd
9.3.3
RECEIVER PATH BLOCK DESCRIPTION
9.3.3.1
Receive serial interface
The baseband serial interface sends the digital signal of
the receive path to a digital signal processor. It also takes
the digital bitstream from the digital signal processor and
transmits it via the baseband CODEC.
The baseband reception and transmission are active in
bursts. A normal burst has a length of 548
µs. The frame
rate of bursts is 4.615 ms. Using a normal traffic channel,
one burst for each frame is transmitted and two bursts are
received. To save as much power as possible, the transmit
path and the receive path of the PCF50732 are in
power-up mode only during the transmission or reception
bursts respectively.
The power-up of the receive section is controlled via the
RXON pin or RXON bit. When RXON is driven HIGH, the
receive section recovers from power-down and the output
clock BIOCLK is activated. After a settling delay of 52
µs
(ZIF mode, analog circuitry + decimation filter settling
time), BOEN goes LOW to transfer the first 12-bit
I and Q words. The settling time is only 26
µs in NZIF
mode.
Bits are clocked out of the PCF50732 by the falling edge,
and clocked into the DSP by the rising edge of BIOCLK.
In normal bursts 148 I/Q pairs are read from the
PCF50732.
When RXON goes LOW, the last pair of I and Q values will
be sampled and transferred to the baseband processor
(both I and Q components). BIOCLK stops after additional
16 BIOCLK cycles. The receive path is powered down
again. In power-down the BIOCLK output is put in 3-state
and the BOEN output is HIGH.
The output format is 2
× 12-bit I/Q (twos complement).
Transmission occurs MSB first, I followed by Q. The serial
clock signal BIOCLK will run at 6.5 MHz, or 13 MHz in the
NZIF mode. Figure 6 shows the timing of the BSI data
reception.
An automatic offset compensation mechanism is provided
in order to achieve the required performance. This
mechanism will short the receive (RX) inputs internally and
measure the resulting offset value. This offset value will be
subtracted from all subsequent I/Q output words.
The offset inherent to the device can thereby be reduced
to a few millivolts. Default value for both I- and Q-offset is
zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com