Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF50732 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCF50732
Description  Baseband and audio interface for GSM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCF50732 Datasheet HTML 30Page - NXP Semiconductors PCF50732 Datasheet HTML 31Page - NXP Semiconductors PCF50732 Datasheet HTML 32Page - NXP Semiconductors PCF50732 Datasheet HTML 33Page - NXP Semiconductors PCF50732 Datasheet HTML 34Page - NXP Semiconductors PCF50732 Datasheet HTML 35Page - NXP Semiconductors PCF50732 Datasheet HTML 36Page - NXP Semiconductors PCF50732 Datasheet HTML 37Page - NXP Semiconductors PCF50732 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
1999 May 03
34
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
12.3.11 TEST MODE REGISTER
Only test mode 8 (TM8) is available to the end user. It is used to mark baseband-I (BB-I) samples with a logic 0 and
baseband-Q (BB-Q) samples with a logic 1 on the LSB of the 12-bit value.
Table 29 Test mode register (address 1111)
TEST
MODE
FUNCTION
VALUE
11
10
9876543210
NM
normal mode (default)
don’t care
0000
TM1
baseband transmit (BBTX) I digital
0001
TM2
baseband receive (BBRX) digital
0010
TM3
voice band (VB) loop digital
0011
TM4
voice band transmit/receive (VBTX/RX) digital
0100
TM5
CSI
0101
TM6
baseband (BB) DACs
0110
TM7
voice band receive (VBRX) DAC current sources
0111
TM8
I/Q marking test
1000
TM9
voice band signal processor test mode
1001
TM10
VSP signature output mode
1010
TM11
MCLK input reflected on BDIO
1011
TM12
baseband bitstream output
1100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com