Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF50732 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCF50732
Description  Baseband and audio interface for GSM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCF50732 Datasheet HTML 18Page - NXP Semiconductors PCF50732 Datasheet HTML 19Page - NXP Semiconductors PCF50732 Datasheet HTML 20Page - NXP Semiconductors PCF50732 Datasheet HTML 21Page - NXP Semiconductors PCF50732 Datasheet HTML 22Page - NXP Semiconductors PCF50732 Datasheet HTML 23Page - NXP Semiconductors PCF50732 Datasheet HTML 24Page - NXP Semiconductors PCF50732 Datasheet HTML 25Page - NXP Semiconductors PCF50732 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
1999 May 03
22
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
After conversion the corresponding bit in the AUXADC flag
register is reset (see Table 18). If RXON is activated
during an auxiliary analog-to-digital conversion cycle, the
auxiliary conversion is interrupted and restarted when
RXON returns LOW, indicating no receive burst activity.
When register AUXADC1A is read, a battery voltage
measurement during a transmission burst is executed.
The PCF50732 waits for a rising edge of TXON, and
powers up the receive path. After the settling time of the
ADC added to the programmed AUXADC conversion
delay (in 48 MCLK cycles) has elapsed, valid data is
available and stored in the AUXADC1A register.
Fig.10 Typical transfer characteristics of AUXADC (output code as function of differential input voltage).
handbook, full pagewidth
MGR996
0
1440
0.2
output code
(LSB)
offset
at 0 V
gain tolerance
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Vin (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com