Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3003-1 Datasheet(PDF) 3 Page - Enercon Technologies Europe AG

Part # M3003-1
Description  ENERCON P/N M3003-1 Cooling unit with fans Specifications and Parameters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M3003-1 Datasheet(HTML) 3 Page - Enercon Technologies Europe AG

  M3003-1 Datasheet HTML 1Page - Enercon Technologies Europe AG M3003-1 Datasheet HTML 2Page - Enercon Technologies Europe AG M3003-1 Datasheet HTML 3Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
JAN 29, 2023
Rev (-)
Doc: A.C HEAT EXCHANGER
Cham,
www.enercon-europe.com
Netanya, www.enercon.co.il
Gurgaon, www.mpsindia.in
Switzerland
sales@enercon-europe.com
Israel
sales@enercon.co.il
India
sales@mpsindia.in
Outline Drawing
NOTES:
1.
Dimensions are in mm [In].
2.
Tolerances: X.X +/- 0.6 mm, X.XX+/- 0.25 mm.
3.
First angle projection.
4.
Material: Al 6061, Thermal treatment T651/ T6511.
5.
Finish: chromate conversion coating per MIL-DTL-5541, type I, class 1A.
6.
Required area for cooling airflow.
7.
Mounting threads and holes are optional according to customer requirements.
8.
Hardware information:
8.1. Fan: Manufacturer: “SUNON”, P/N: SP100A-1123XBT.GN or eq.
8.2. Handles: Manufacturer: “AMATOM" P/N: 10346-SS-1032, or eq.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com