Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3003-1 Datasheet(PDF) 1 Page - Enercon Technologies Europe AG

Part # M3003-1
Description  ENERCON P/N M3003-1 Cooling unit with fans Specifications and Parameters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M3003-1 Datasheet(HTML) 1 Page - Enercon Technologies Europe AG

  M3003-1 Datasheet HTML 1Page - Enercon Technologies Europe AG M3003-1 Datasheet HTML 2Page - Enercon Technologies Europe AG M3003-1 Datasheet HTML 3Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
JAN 29, 2023
Rev (-)
Doc: A.C HEAT EXCHANGER
Cham,
www.enercon-europe.com
Netanya, www.enercon.co.il
Gurgaon, www.mpsindia.in
Switzerland
sales@enercon-europe.com
Israel
sales@enercon.co.il
India
sales@mpsindia.in
ENERCON P/N M
1
-
3003
Cooling unit with fans
Specifications and Parameters
This indoor fan cooling unit uses a forced convection cooling method, specifically designed for simultaneous
testing of several products using an adaptable plate.
With two 120 x 120 mm fans in parallel, which provide a combined flow rate of 180 CFM, heat dissipation can be
up to 0.4 kW with an average base plate temperature rise1 of 11.2 °C, and thermal resistance of 0.0280 °C/W.
Design Features
•
High thermal performance cooling unit
•
Enables simultaneous testing of several products.
•
Adaptable design:
o
Cold plate can be replaced by the user.
o
Cold plate design is adapted according to the customer's specific heat dissipation requirements.
o
Cooling unit length2.
o
Custom machining and mounting design according to requirements (holes, threads, clearances, etc.)
•
Fans selection according to customer request and needs (PWM control, AC\DC fans, fan size, etc.)
•
Maximum weight :15.5[KG]
•
Fan working temperature -10 to +70 [°C]
•
Maximum recommended environment temperature @ 0.4 [Kw] power dissipation: 50[°C]
•
CFD Analysis
1 Tested with inlet air temperature of 25 °C.
2 length change will influence the performance curves.
Mechanical Overview
• Cooling unit features:
o
Removable cold plate - tapped according to customer requirements.
o
Handles.
o
Removable fans.
• Fans located at the center of the unit - designed to create homogeneous base plate temperature.
• Aluminum structure coated according to customer definitions.
1. Air tunnel cover
2. Removable cold plate
3. Power dissipation devices


Similar Part No. - M3003-1

ManufacturerPart #DatasheetDescription
logo
Pentair Equipment Prote...
M300300210GE HOFFMANPRODUCTS-M300300210GE Datasheet
344Kb / 4P
GL66 SERIES MILD STEEL HINGED COVER WALL-MOUNT ENCLOSURES
M300300210GPE HOFFMANPRODUCTS-M300300210GPE Datasheet
344Kb / 4P
GL66 SERIES MILD STEEL HINGED COVER WALL-MOUNT ENCLOSURES
More results

Similar Description - M3003-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APD032 ETC-APD032 Datasheet
76Kb / 4P
PACKAGE MECHANICAL SPECIFICATIONS AND PARAMETERS
logo
Purdy Electronics Corpo...
HS-05D-4508S-4 PURDY-HS-05D-4508S-4 Datasheet
100Kb / 1P
DC Fans and Blowers
PM080-115-1225BT-4 PURDY-PM080-115-1225BT-4 Datasheet
70Kb / 1P
AC Fans and Blowers
PM082-12D-4B PURDY-PM082-12D-4B Datasheet
66Kb / 1P
DC Fans and Blowers
logo
CUI INC
CPM-2F CUI-CPM-2F Datasheet
370Kb / 2P
peltier cooling unit
logo
AAEON Technology
COOLINGFANSERIES AAEON-COOLINGFANSERIES Datasheet
162Kb / 1P
Industrial Grade Cooling Fans
logo
Laird Tech Smart Techno...
WL-500 LSTD-WL-500 Datasheet
2Mb / 8P
READ MANUAL BEFORE OPERATING COOLING UNIT
logo
New Jersey Semi-Conduct...
OC81D NJSEMI-OC81D Datasheet
40Kb / 1P
Transistor Datasheet. Parameters and Characteristics.
logo
Maxim Integrated Produc...
MAX15158EVKIT MAXIM-MAX15158EVKIT Datasheet
1Mb / 15P
Configurable Output Voltage and Compensation Parameters
Rev 2; 12/19
logo
PHOENIX CONTACT
1237881 PHOENIX-1237881 Datasheet
271Kb / 7P
Cooling unit - EV-HPC-PCU-01
Nov 16, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com