Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3003-1 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # M3003-1
Description  ENERCON P/N M3003-1 Cooling unit with fans Specifications and Parameters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M3003-1 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  M3003-1 Datasheet HTML 1Page - Enercon Technologies Europe AG M3003-1 Datasheet HTML 2Page - Enercon Technologies Europe AG M3003-1 Datasheet HTML 3Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
JAN 29, 2023
Rev (-)
Doc: A.C HEAT EXCHANGER
Cham,
www.enercon-europe.com
Netanya, www.enercon.co.il
Gurgaon, www.mpsindia.in
Switzerland
sales@enercon-europe.com
Israel
sales@enercon.co.il
India
sales@mpsindia.in
Performance Curves
1
Tested with 0.4 kW heat output and inlet air temperature of 25 °C.
2
Recommended working point- 180 [CFM].
PRESSURE DROP & THERMAL RESISTANCE vs. FLOW RATE
*P/N M3003-X
Flow rate
[CFM]
ΔP (psi)
0
0
15.00
0.003
30.00
0.005
45.00
0.007
50.00
0.009
60.00
0.012
75.00
0.017
90.00
0.023
100.00
0.03
120
0.048
180
0.076
240
0.124
320
0.223
*P/N M3003-X
Flow rate
[CFM]
R ]°C/W[
0
0.3500
15.00
0.2520
30.00
0.1310
45.00
0.0820
50.00
0.0662
60.00
0.0570
75.00
0.0530
90.00
0.0480
100.00
0.0440
120
0.0360
180
0.0280
240
0.0240
320
0.0202



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com