Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8575 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF8575
Description  Remote 16-bit I/O expander for I2C-bus
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8575 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF8575 Datasheet HTML 4Page - NXP Semiconductors PCF8575 Datasheet HTML 5Page - NXP Semiconductors PCF8575 Datasheet HTML 6Page - NXP Semiconductors PCF8575 Datasheet HTML 7Page - NXP Semiconductors PCF8575 Datasheet HTML 8Page - NXP Semiconductors PCF8575 Datasheet HTML 9Page - NXP Semiconductors PCF8575 Datasheet HTML 10Page - NXP Semiconductors PCF8575 Datasheet HTML 11Page - NXP Semiconductors PCF8575 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
1999 Apr 07
8
Philips Semiconductors
Product specification
Remote 16-bit I/O expander for I2C-bus
PCF8575
7
FUNCTIONAL DESCRIPTION
7.1
Quasi-bidirectional I/Os
The PCF8575’s 16 ports (see Fig.7) are entirely independent and can be used either as input or output ports. Input data
is transferred from the ports to the microcontroller in the READ mode (see Fig.10). Output data is transmitted to the ports
in the WRITE mode (see Fig.9).
This quasi-bidirectional I/O can be used as an input or output without the use of a control signal for data direction.
At power-on the I/Os are HIGH. In this mode only a current source (IOH) to VDD is active. An additional strong pull-up to
VDD (IOHt) allows fast rising edges into heavily loaded outputs. These devices turn on when an output is written HIGH,
and are switched off by the negative edge of SCL. The I/Os should be HIGH before being used as inputs. After power-on
as all the I/Os are set HIGH all of them can be used as input. Any change in setting of the I/Os as either inputs or outputs
can be done with the write mode. Warning: If a HIGH is applied to an I/O which has been written earlier to LOW, a large
current (IOL) will flow to VSS. (see Characteristics note 3).
7.2
Addressing
Figures 8, 9 and 10 show the address and timing diagrams. Before any data is transmitted or received the master must
send the address of the receiver via the SDA line. The first byte transmitted after the START condition carries the address
of the slave device and the read/write bit. The address of the slave device must not be changed between the START and
the STOP conditions. The PCF8575 acts as a slave receiver or a slave transmitter.
Fig.7 Simplified schematic diagram of each I/O.
dbook, full pagewidth
MGL540
DQ
CI
CI
S
FF
D
IOH
IOL
IOHt
Q
S
FF
100
µA
to interrupt
logic
VSS
VDD
P00 to P07
P10 to 17
write pulse
data from
shift register
power-on
reset
read pulse
data to
shift register
Fig.8 Byte containing the slave address and the R/W bits.
MGL541
handbook, halfpage
S
0
1
0
0
A2
A1
A0 R/W
A
slave address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com