Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8575 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF8575
Description  Remote 16-bit I/O expander for I2C-bus
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8575 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF8575 Datasheet HTML 11Page - NXP Semiconductors PCF8575 Datasheet HTML 12Page - NXP Semiconductors PCF8575 Datasheet HTML 13Page - NXP Semiconductors PCF8575 Datasheet HTML 14Page - NXP Semiconductors PCF8575 Datasheet HTML 15Page - NXP Semiconductors PCF8575 Datasheet HTML 16Page - NXP Semiconductors PCF8575 Datasheet HTML 17Page - NXP Semiconductors PCF8575 Datasheet HTML 18Page - NXP Semiconductors PCF8575 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
1999 Apr 07
15
Philips Semiconductors
Product specification
Remote 16-bit I/O expander for I2C-bus
PCF8575
11 I2C-BUS TIMING CHARACTERISTICS
See Fig.13 and note 1.
Notes
1. All the timing values are valid within the operating supply voltage and ambient temperature range and refer to VIL
and VIH with an input voltage swing of VSS to VDD.
2. The device inputs SDA and SCL are filtered and will reject spikes on the bus lines of widths less than tSW(max).
3. The rise and fall times specified here refer to the driver device (PCF8575) and are part of the general fast I2C-bus
specification when PCF8575 asserts an acknowledge on SDA, the minimum fall time is 20 ns + 0.1Cb.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
fSCL
SCL clock frequency
−
400
kHz
tSW
tolerable spike width on bus
note 2
−
50
ns
tBUF
BUS free time between a STOP
and START condition
1.3
−µs
tSU;STA
START condition set-up time
0.6
−µs
tHD;STA
START condition hold time
0.6
−µs
tLOW
SCL LOW time
1.3
−µs
tHIGH
SCL HIGH time
0.6
−µs
tr
SCL and SDA rise time
note 3
20 + 0.1Cb
300
ns
tf
SCL and SDA fall time
note 3
20 + 0.1Cb
300
ns
tSU;DAT
data set-up time
100
−
ns
tHD;DAT
data hold time
0
−
ns
tSU;STO
STOP condition set-up time
0.6
−µs
Cb
capacitive load represented by
each bus line
−
400
pF
Fig.13 I2C-bus timing diagram.
handbook, full pagewidth
PROTOCOL
SCL
SDA
MGL546
BIT 0
LSB
(R/W)
tSU;STA
tSU;DAT
tSU;STO
tHD;STA
tHD;DAT
tBUF
tr
tf
tLOW
tHIGH
1/fSCL
START
CONDITION
(S)
BIT 7
MSB
(A7)
BIT 6
(A6)
ACKNOWLEDGE
(A)
STOP
CONDITION
(P)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com