Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8575 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF8575
Description  Remote 16-bit I/O expander for I2C-bus
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8575 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF8575 Datasheet HTML 1Page - NXP Semiconductors PCF8575 Datasheet HTML 2Page - NXP Semiconductors PCF8575 Datasheet HTML 3Page - NXP Semiconductors PCF8575 Datasheet HTML 4Page - NXP Semiconductors PCF8575 Datasheet HTML 5Page - NXP Semiconductors PCF8575 Datasheet HTML 6Page - NXP Semiconductors PCF8575 Datasheet HTML 7Page - NXP Semiconductors PCF8575 Datasheet HTML 8Page - NXP Semiconductors PCF8575 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1999 Apr 07
3
Philips Semiconductors
Product specification
Remote 16-bit I/O expander for I2C-bus
PCF8575
1
FEATURES
• Operating supply voltage 2.5 to 5.5 V
• Low standby current consumption of 10 µA maximum
• I2C-bus to parallel port expander
• 400 kbits/s FAST I2C-bus
• Open-drain interrupt output
• 16-bit remote I/O port for the I2C-bus
• Compatible with most microcontrollers
• Latched outputs with high current drive capability for
directly driving LEDs
• Address by 3 hardware address pins for use of up to
8 devices
• SSOP24 package.
2
GENERAL DESCRIPTION
The PCF8575 is a silicon CMOS circuit. It provides general
purpose remote I/O expansion for most microcontroller
families via the two-line bidirectional bus (I2C-bus).
The device consists of a 16-bit quasi-bidirectional port and
an I2C-bus interface. The PCF8575 has a low current
consumption and includes latched outputs with high
current drive capability for directly driving LEDs. It also
possesses an interrupt line (INT) which can be connected
to the interrupt logic of the microcontroller. By sending an
interrupt signal on this line, the remote I/O can inform the
microcontroller if there is incoming data on its ports without
having to communicate via the I2C-bus. This means that
the PCF8575 is an I2C-bus slave transmitter/receiver.
Every data transmission from the PCF8575 must consist
of an even number of bytes, the first byte will be referred
to as P07 to P00 and the second byte as P17 to P10.
The third will be referred to as P07 to P00 and so on.
3
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF8575TS
SSOP24
plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com