Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8575C Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF8575C
Description  Remote 16-bit I/O expander for I2C-bus
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8575C Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF8575C Datasheet HTML 2Page - NXP Semiconductors PCF8575C Datasheet HTML 3Page - NXP Semiconductors PCF8575C Datasheet HTML 4Page - NXP Semiconductors PCF8575C Datasheet HTML 5Page - NXP Semiconductors PCF8575C Datasheet HTML 6Page - NXP Semiconductors PCF8575C Datasheet HTML 7Page - NXP Semiconductors PCF8575C Datasheet HTML 8Page - NXP Semiconductors PCF8575C Datasheet HTML 9Page - NXP Semiconductors PCF8575C Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
1999 Aug 05
6
Philips Semiconductors
Product specification
Remote 16-bit I/O expander for I2C-bus
PCF8575C
6
FUNCTIONAL DESCRIPTION
6.1
Quasi-bidirectional I/Os
The 16 ports (see Fig.3) are entirely independent and can be used either as input or output ports. Input data is transferred
from the ports to the microcontroller in the READ mode (see Fig.6). Output data is transmitted to the ports in the WRITE
mode (see Fig.5).
This quasi-bidirectional I/O can be used as an input or output without the use of a control signal for data direction.
At power-on all the I/Os are in 3-state mode. The strong pull-up to VDD (IOHt) allows a fast rising edge into a heavily
loaded output. This strong pull-up turns on when the output is written HIGH, and is switched off by the negative edge of
SCL. After this short period the output is in 3-state mode. The I/O should be written HIGH before being used as an input.
After power-on as all the I/Os are set to 3-state all of them can be used as inputs. Any change in setting of the I/Os as
either inputs or outputs can be done with the write mode. Warning: If a HIGH is applied to an I/O which has been written
earlier to LOW, a large current (IOL) will flow to VSS (see Chapter 10; note 3).
6.2
Addressing
Figures 4, 5 and 6 show the address and timing diagrams. Before any data is transmitted or received the master must
send the address of the receiver via the SDA line. The first byte transmitted after the START condition carries the address
of the slave device and the read/write bit. The address of the slave device must not be changed between the START and
the STOP conditions. The PCF8575C acts as a slave receiver or a slave transmitter.
handbook, full pagewidth
MGS632
DQ
CI
CI
S
FF
D
IOL
IOHt
Q
S
FF
to interrupt
logic
VSS
VDD
P00 to P07
P10 to 17
write pulse
data from
shift register
power-on
reset
read pulse
data to
shift register
Fig.3 Simplified schematic diagram of each I/O.
MGL541
handbook, halfpage
S
0
1
0
0
A2
A1
A0 R/W
A
slave address
Fig.4 Byte containing the slave address and the R/W bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com