Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8575C Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF8575C
Description  Remote 16-bit I/O expander for I2C-bus
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8575C Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF8575C Datasheet HTML 9Page - NXP Semiconductors PCF8575C Datasheet HTML 10Page - NXP Semiconductors PCF8575C Datasheet HTML 11Page - NXP Semiconductors PCF8575C Datasheet HTML 12Page - NXP Semiconductors PCF8575C Datasheet HTML 13Page - NXP Semiconductors PCF8575C Datasheet HTML 14Page - NXP Semiconductors PCF8575C Datasheet HTML 15Page - NXP Semiconductors PCF8575C Datasheet HTML 16Page - NXP Semiconductors PCF8575C Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
1999 Aug 05
13
Philips Semiconductors
Product specification
Remote 16-bit I/O expander for I2C-bus
PCF8575C
8
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134); note 1.
Note
1. Stress above those listed under ‘Absolute Maximum Ratings’ may cause permanent damage to the device. This is
a stress ratings only and functional operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
9
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take precautions appropriate to handling MOS devices. Advice can be found in Data Handbook IC12 under
“Handling MOS Devices”.
10 CHARACTERISTICS
VDD = 4.5 to 5.5 V; VSS =0V; Tamb = −40 to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage
−0.5
+6.5
V
IDD
supply current
−±100
mA
ISS
supply current
−±100
mA
VI
input voltage
VSS − 0.5
VDD + 0.5
V
II
DC input current
−±20
mA
IO
DC output current
−±25
mA
Ptot
total power dissipation
400
mW
PO
power dissipation per output
100
mW
Tstg
storage temperature
−65
+150
°C
Tamb
ambient temperature
−40
+85
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDD
supply voltage
4.5
5.5
V
IDD
supply current
operating mode; no
load; VI =VDD or VSS;
fSCL = 400 kHz
100
200
µA
IDD(stb)
standby current
standby mode; no load;
VI =VDD or VSS
2.5
10
µA
VPOR
Power-on reset voltage
note 1
1.2
1.8
V
VIL1
LOW-level input voltage
pins A0, A1, A2, SDA and SCL
−0.8
0.3VDD
V
VIL2
LOW-level input voltage
pins P00 to P17
−0.8
0.6VDD
V
VIH1
HIGH-level input voltage
pins A0, A1, A2, SDA and SCL
0.7VDD
VDD + 0.8 V
VIH2
HIGH-level input voltage
pins P00 to P17
0.8VDD
VDD + 0.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com