Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8575C Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF8575C
Description  Remote 16-bit I/O expander for I2C-bus
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8575C Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF8575C Datasheet HTML 10Page - NXP Semiconductors PCF8575C Datasheet HTML 11Page - NXP Semiconductors PCF8575C Datasheet HTML 12Page - NXP Semiconductors PCF8575C Datasheet HTML 13Page - NXP Semiconductors PCF8575C Datasheet HTML 14Page - NXP Semiconductors PCF8575C Datasheet HTML 15Page - NXP Semiconductors PCF8575C Datasheet HTML 16Page - NXP Semiconductors PCF8575C Datasheet HTML 17Page - NXP Semiconductors PCF8575C Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
1999 Aug 05
14
Philips Semiconductors
Product specification
Remote 16-bit I/O expander for I2C-bus
PCF8575C
Notes
1. The Power-on reset circuit resets the I2C-bus logic with VDD <VPOR and sets all I/Os to logic 1 (with current source
to VDD).
2. The value is not tested, but verified on sampling basis.
3. A single LOW-level output current (IOL) must not exceed 20 mA for an extended time. The sum of all IOLs at any point
in time must not exceed 100 mA.
IL
leakage current at all pins
VI =VDD or VSS
−2
−
+2
µA
IIHL
current through protection diode
VI >VDD or VI <VSS;
note 2
−−±2mA
Input SCL; input/output SDA
IOL
LOW-level output current
VOL = 0.4 V; note 3
3
−−
mA
CI
input capacitance
VI =VSS; note 2
−−
7pF
I/Os; P00 to P07 and P10 to P17
IOL
LOW-level output current
VOL = 1 V; note 3
10
25
−
mA
IOHt
transient pull-up current
VOH =VSS; see Fig.5
−0.5
−1.0
−
mA
CI
input capacitance
note 2
−−
10
pF
CO
output capacitance
note 2
−−
10
pF
Port timing; CL ≤ 100 pF (see Figs 5 and 6)
tpv
output data valid
−−
4
µs
tsu
input data set-up time
0
−−µs
th
input data hold time
4
−−µs
Interrupt INT (see Fig.13)
IOL
LOW-level output current
VOL = 0.4 V
1.6
−−
mA
TIMING;CL ≤ 100 PF (see Figs 5 and 6)
tiv
input data valid time
−−
4
µs
tir
reset delay time
−−
4
µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com